Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSO2002B Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # MSO2002B
Description  Mixed Signal Oscilloscopes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO2002B Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button MSO2002B Datasheet HTML 8Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 9Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 10Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 11Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 12Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 13Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 14Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 15Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Software
OpenChoice® Desktop
Enables fast and easy communication between a Windows PC and your oscilloscope using USB or LAN. Transfer and save
settings, waveforms, measurements, and screen images. Included Word and Excel toolbars automate the transfer of acquisition
data and screen images from the oscilloscope into Word and Excel for quick reporting or further analysis.
IVI driver
Provides a standard instrument programming interface for common applications such as LabVIEW, LabWindows/CVI,
Microsoft .NET, and MATLAB.
e*Scope® Web-based remote
control
Enables control of the oscilloscope over a network connection through a standard web browser. Simply enter the IP address or
network name of the oscilloscope and a web page will be served to the browser.
Display system
Display type
7 inch (180 mm) wide format liquid crystal TFT color display.
Display resolution
480 horizontal × 234 vertical pixels (WQVGA).
Waveform styles
Vectors, Dots, Variable Persistence, Infinite Persistence.
Graticules
Full, Grid, Cross Hair, Frame.
Format
YT and XY.
Maximum waveform capture rate
Up to 5,000 wfm/s.
Input/output ports
USB 2.0 high-speed host port
Supports USB mass storage devices, printers, and keyboards. One port available on rear panel and one on front panel.
USB 2.0 high-speed device port
Rear-panel connector allows for communication/control of oscilloscope through USBTMC or GPIB with a TEK-USB-488, and direct
printing to all PictBridge®-compatible printers.
LAN port (Ethernet)
RJ-45 connector, supports 10/100BASE-T (requires DPO2CONN).
Video out port
DB-15 female connector, connect to show the oscilloscope display on an external monitor or projector (requires DPO2CONN).
Auxiliary input
Front-panel BNC connector. Input Impedance 1 MΩ ±2%. Max input 300 VRMS CAT II with peaks ≤ ±450 V.
Probe compensator output voltage
and frequency
Front-panel pins
Amplitude
5 V
Frequency
1 kHz
Kensington-style lock
Rear-panel security slot connects to standard Kensington-style lock.
Power source
Power source voltage
100 to 240 V ±10%
Power source frequency
45 to 65 Hz (90 to 264 V)
360 to 440 Hz (100 to 132 V)
Power consumption
80 W maximum
Optional TekVPI® external power
supply 2
Output voltage
12 V
Output current
5 A
Power consumption
50 W
2
Required when total oscilloscope probe power usage exceeds 20 W.
Datasheet
12 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com