Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPO4102B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DPO4102B
Description  Mixed Signal Oscilloscopes
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPO4102B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DPO4102B Datasheet HTML 5Page - List of Unclassifed Manufacturers DPO4102B Datasheet HTML 6Page - List of Unclassifed Manufacturers DPO4102B Datasheet HTML 7Page - List of Unclassifed Manufacturers DPO4102B Datasheet HTML 8Page - List of Unclassifed Manufacturers DPO4102B Datasheet HTML 9Page - List of Unclassifed Manufacturers DPO4102B Datasheet HTML 10Page - List of Unclassifed Manufacturers DPO4102B Datasheet HTML 11Page - List of Unclassifed Manufacturers DPO4102B Datasheet HTML 12Page - List of Unclassifed Manufacturers DPO4102B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Video design and development
Many video engineers have remained loyal to analog oscilloscopes,
believing the intensity gradations on an analog display are the only way to
see certain video waveform details. The fast waveform capture rate,
coupled with its intensity-graded view of the signal, provides the same
information-rich display as an analog oscilloscope, but with much more
detail and all the benefits of digital scopes.
Standard features such as IRE and mV graticules, holdoff by fields, video
polarity, and an Autoset smart enough to detect video signals, make these
the easiest to use oscilloscopes on the market for video applications. And
with high bandwidth and four analog inputs, the oscilloscope provides
ample performance for analog and digital video use.
The video functionality is further extended with an optional video application
module, which provides the industry's most complete suite of HDTV and
custom (nonstandard) video triggers.
Designed to make your work easier
The MSO/DPO4000B Series is designed to make your work easier. The large, high-
resolution display shows intricate signal details. Dedicated front-panel controls simplify
operation. Two USB host ports on the front panel allow you to easily transfer screen
shots, instrument settings, and waveform data to a USB mass storage device.
Large, high-resolution display
The MSO/DPO4000B Series features a 10.4 in. (264 mm) bright, LED
backlit XGA color display for seeing intricate signal details.
Dedicated front-panel controls
Per-channel vertical controls provide simple and intuitive operation. No
longer do you need to share one set of vertical controls across all four
channels.
Connectivity
Two USB host ports on the front panel enable easy transfer of screenshots,
instrument settings, and waveform data to a USB mass storage device. The
rear panel contains two additional USB host ports and a USB device port
for controlling the oscilloscope remotely from a PC or for connecting a USB
keyboard. The USB device port can also be used to print directly to a
PictBridge®-compatible printer. An integrated 10/100/1000BASE-T Ethernet
port enables easy connection to networks and a Video Out port allows the
oscilloscope display to be exported to an external monitor or projector. The
instrument can mount external network drives for easy storage of screen
images, setup files, or data files. Setup or data files can then be directly
recalled and loaded into the oscilloscope from the network drive location.
The MSO/DPO4000B Series is LXI Class-C compliant.
Compact form factor
With the compact, portable form factor, you can easily move the
oscilloscope between labs. And with a depth of just 5.8 inches (147 mm), it
saves you valuable space on your test bench.
The MSO/DPO4000B Series compact form factor frees up valuable space on your bench
or desktop.
TekVPI® probe interface
The TekVPI probe interface sets the standard for ease of use in probing. In
addition to the secure, reliable connection that the interface provides,
TekVPI probes feature status indicators and controls, as well as a probe
menu button right on the comp box itself. This button brings up a probe
menu on the oscilloscope display with all relevant settings and controls for
the probe. The TekVPI interface enables direct attachment of current
probes without requiring a separate power supply. TekVPI probes can be
controlled remotely through USB, GPIB, or LAN, enabling more versatile
solutions in ATE environments.
Mixed Signal Oscilloscopes — MSO4000B, DPO4000B Series
www.tektronix.com 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com