Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP38874 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP38874
Description  8A, 21V, 600KHz Step-Down Converter with Synchronizable Gate Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38874 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP38874 Datasheet HTML 1Page - Monolithic Power Systems MP38874 Datasheet HTML 2Page - Monolithic Power Systems MP38874 Datasheet HTML 3Page - Monolithic Power Systems MP38874 Datasheet HTML 4Page - Monolithic Power Systems MP38874 Datasheet HTML 5Page - Monolithic Power Systems MP38874 Datasheet HTML 6Page - Monolithic Power Systems MP38874 Datasheet HTML 7Page - Monolithic Power Systems MP38874 Datasheet HTML 8Page - Monolithic Power Systems MP38874 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP38874
8A, 21V, 600KHz Step-Down Converter
with Synchronizable Gate Driver
MP38874 Rev. 1.1
www.MonolithicPower.com
1
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP38874 is a monolithic step-down switch
mode converter with a built in internal power
MOSFET. It achieves 8A continuous output
current over a wide input supply range with
excellent load and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown.
The MP38874 requires a minimum number of
readily available standard external components
and is available in a space saving 3mm x 4mm
14-pin QFN package.
FEATURES
• Wide 4.5V to 21V Operating Input Range
• 8A Continuous Output Current
• 42mΩ Internal Power MOSFET Switch
• Power Good Indicator
• Synchronous Gate Driver Delivers up to
95% Efficiency
• Fixed 600KHz Frequency
• Synchronizable to >1MHz External Clock
• Cycle-by-Cycle Over Current Protection
• Thermal Shutdown
• Output Adjustable from 0.8V to 15V
• Stable with Low ESR Output Ceramic
Capacitors
• Available in a 3mm x 4mm 14-Pin QFN
Package
APPLICATIONS
•
Point of Load Regulator in Distributed
Power System
•
Digital Set Top Boxes
•
Personal Video Recorders
•
Broadband Communications
•
Flat Panel Television and Monitors
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP38874
SW
BG
FB
BST
8, 9, 10
13
1
14
11
GND
IN
VCC
EN/SYNC
VIN
POWER
GOOD
VCC
PG
4, 5, 6
12
3
2
OFF ON
100
90
80
70
12
4
5
6
7
38
OUTPUT CURRENT (A)
VIN=12V
VIN=20V
VOUT=3.3V
Efficiency vs
Output Current


Similar Part No. - MP38874

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP38870 MPS-MP38870 Datasheet
543Kb / 10P
3A, 14V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38870DL MPS-MP38870DL Datasheet
543Kb / 10P
3A, 14V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38872 MPS-MP38872 Datasheet
360Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38872DL MPS-MP38872DL Datasheet
360Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38873 MPS-MP38873 Datasheet
387Kb / 14P
15A, 16V, High Frequency Step-Down Converter with Synchronous Gate Driver
More results

Similar Description - MP38874

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7258 RICHTEK-RT7258 Datasheet
330Kb / 18P
8A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
logo
Monolithic Power System...
MP2377 MPS-MP2377 Datasheet
508Kb / 11P
3A, 21V, 600kHz Step-Down Converter
MP2380 MPS-MP2380 Datasheet
371Kb / 11P
5A, 21V, 600KHz Step-Down Converter
MP8352 MPS-MP8352 Datasheet
341Kb / 12P
3V-6V Input, 6A, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP8666 MPS-MP8666 Datasheet
375Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38671 MPS-MP38671 Datasheet
393Kb / 11P
10A, 25V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38870 MPS-MP38870 Datasheet
543Kb / 10P
3A, 14V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38872 MPS-MP38872 Datasheet
360Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38891 MPS-MP38891 Datasheet
399Kb / 13P
6A, 30V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP8768 MPS-MP8768 Datasheet
387Kb / 13P
8A, 28V, 600KHz Step-Down Converter with Synchronizable Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com