Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP38894 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP38894
Description  4.5A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38894 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP38894 Datasheet HTML 1Page - Monolithic Power Systems MP38894 Datasheet HTML 2Page - Monolithic Power Systems MP38894 Datasheet HTML 3Page - Monolithic Power Systems MP38894 Datasheet HTML 4Page - Monolithic Power Systems MP38894 Datasheet HTML 5Page - Monolithic Power Systems MP38894 Datasheet HTML 6Page - Monolithic Power Systems MP38894 Datasheet HTML 7Page - Monolithic Power Systems MP38894 Datasheet HTML 8Page - Monolithic Power Systems MP38894 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP38894 – 4.5A, 42V, 420KHZ STEP-DOWN WITH SYNCHRONIZABLE GATE DRIVER
MP38894 Rev.0.9
www.MonolithicPower.com
5
9/28/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, L =4.3µH, TA = +25ºC, unless otherwise noted. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com