Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP44010 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP44010
Description  Boundary Mode PFC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44010 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP44010 Datasheet HTML 6Page - Monolithic Power Systems MP44010 Datasheet HTML 7Page - Monolithic Power Systems MP44010 Datasheet HTML 8Page - Monolithic Power Systems MP44010 Datasheet HTML 9Page - Monolithic Power Systems MP44010 Datasheet HTML 10Page - Monolithic Power Systems MP44010 Datasheet HTML 11Page - Monolithic Power Systems MP44010 Datasheet HTML 12Page - Monolithic Power Systems MP44010 Datasheet HTML 13Page - Monolithic Power Systems MP44010 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP44010 – BOUNDARY MODE PFC CONTROLLER
MP44010 Rev. 1.11
www.MonolithicPower.com
11
10/17/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Layout Guide
For boundary mode PFC operation, the output is
fed back to FB pin and is compared with the
reference voltage. So a constant reference
voltage is very important for output voltage
accuracy. Therefore, the wire from FB pin to the
feedback resistors should be as short as possible.
The envelope of the inductor current is from the
multiplier output which is generated by rectified
AC voltage. Therefore a good layout should keep
MULT pin immune to noise. It is recommended
that placing a small ceramic cap from MULT pin
to GND.
For zero current sensing, R5 should be placed
close to ZCS and a long connection wire should
be avoided. If the long wire is necessary, a small
bypass cap is needed to avoid noise.
For inductor current sensing, although there is
on-chip filter on CS pin, it is still recommended
that the wire from current sensing resistor to CS
pin should be as short as possible to prevent
falsely turning off MOSFET. If it is difficult to
achieve using short wire, an external filter from
sensing resistor to CS pin is recommended.
To keep the chip operating with a stable VIN
voltage, a big E-cap and a small ceramic cap are
good combination as VIN caps. In addition, the
VIN caps should be close to VIN pin to prevent
VIN voltage fluctuation.
Please see the MP44010 demo board for
recommended layout.
Design Example
Case 1:
Below is a design example following the
application guideline for the specifications:
Vac
85~265V
VOUT
400V
POUT
100W
The detailed application schematic is shown in
Figure 6. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
possible applications of this device, please refer
to related Evaluation Board Datasheets.
Figure 6—100W MP44010 Design Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com