Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP44010HS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP44010HS
Description  Boundary Mode PFC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44010HS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP44010HS Datasheet HTML 1Page - Monolithic Power Systems MP44010HS Datasheet HTML 2Page - Monolithic Power Systems MP44010HS Datasheet HTML 3Page - Monolithic Power Systems MP44010HS Datasheet HTML 4Page - Monolithic Power Systems MP44010HS Datasheet HTML 5Page - Monolithic Power Systems MP44010HS Datasheet HTML 6Page - Monolithic Power Systems MP44010HS Datasheet HTML 7Page - Monolithic Power Systems MP44010HS Datasheet HTML 8Page - Monolithic Power Systems MP44010HS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP44010 – BOUNDARY MODE PFC CONTROLLER
MP44010 Rev. 1.11
www.MonolithicPower.com
4
10/17/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 15V, TA = TJ = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Lower Clamp Voltage
VZCSclamp_L IZCS=-2.5mA
0.3
0.55
0.8
V
VZCS_H
VZCS rising
2.1
2.3
V
Zero Current Sensing Threshold
VZCS_L
VZCS falling
1.15
1.35
V
ZCS_EN Threshold
VZCS_EN_R VZCS rising
310
mV
ZCS_EN Hysteresis
VZCS_EN_hys
120
mV
Source Current Capability
IZCS_source
3
mA
Restart Current After Disable
IZCS_res
60
85
µA
Re-Starter
Re-Start Time
Tstart
80
175
280
µs
Over-Voltage
Dynamic OVP Current
IOVP
30
40
50
µA
Hysteresis
IOVP_Hys
30
µA
Static OVP Threshold
VOVP
2
2.2
2.4
V
Gate Driver
IGDsource=20mA
2.4
2.7
V
VOH
IGDsource=200mA
3.9
5.1
V
Dropout Voltage
VOL
IGDsink=200mA
0.5
1.5
V
Voltage Fall Time
Tf
30
70
ns
Voltage Rise Time
Tr
40
80
ns
Max Output Drive Voltage
VD_max
12
13.5
15
V
Source Current Capability
IGate_source
-600
mA
Sink Current Capability
IGate_sink
800
mA
UVLO Saturation Voltage
VSaturation
VIN=0 to VIN_ON,
IGate_sink=10mA
0.3
V
Note:
5) The multiplier output is given by: Vcs=K·VMUTL·(VCOMP-2.5)
6) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com