Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP62040 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP62040
Description  1.7V ??5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62040 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP62040 Datasheet HTML 1Page - Monolithic Power Systems MP62040 Datasheet HTML 2Page - Monolithic Power Systems MP62040 Datasheet HTML 3Page - Monolithic Power Systems MP62040 Datasheet HTML 4Page - Monolithic Power Systems MP62040 Datasheet HTML 5Page - Monolithic Power Systems MP62040 Datasheet HTML 6Page - Monolithic Power Systems MP62040 Datasheet HTML 7Page - Monolithic Power Systems MP62040 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP62040/MP62041
1.7V – 5.5V, Ultra-Small, Single-Channel 2A
Current-Limited Power Distribution Switch
MP62040/MP62041 Rev. 1.0
www.MonolithicPower.com
1
7/18/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP62040/MP62041 Power Distribution
Switch is designed for high-side load switch.
The switch operates from 1.7V to 5.5V nominal
input voltage and includes an 85mΩ power
MOSFET to handle up to 2A continuous load.
The MP62040/MP62041 has slew rate control
with 115μs rising time to limit inrush current
when enabling the switch.
The built-in level shift function allows a logic
signal on enable input that may be different
from the supply voltage to switch the high side
P-channel MOSFET ON or OFF.
The MP62040/MP62041 is available in an ultra-
small UTQFN4 package, with ultra-low height
(0.55mm typ).
FEATURES
 2A Continuous Current
 1.7V to 5.5V Supply Range
 Soft Start: 115μs
 1μA Shutdown Current
 85mΩ MOSFET
 Active High & Active Low Options
 Space saving 1.6x1.2 mm UTQFN4
Package (0.55mm Height)
APPLICATIONS
 Load switch in portable applications
 Battery switch-over circuits
 Level translator
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
5V
GND
3
4
MP62040 / MP62041
1
2
IN
OUT
Input
Output
Single-Channel
EN*
(*: EN is active high for MP62041 )


Similar Part No. - MP62040

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62040-1 MPS-MP62040-1 Datasheet
372Kb / 8P
1.7V- 5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP62040DQFU-1 MPS-MP62040DQFU-1 Datasheet
372Kb / 8P
1.7V- 5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
More results

Similar Description - MP62040

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2101 DIODES-AP2101 Datasheet
365Kb / 14P
2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2101 DIODES-AP2101_10 Datasheet
370Kb / 14P
2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
logo
Texas Instruments
TPS2041B-EP TI1-TPS2041B-EP Datasheet
792Kb / 25P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2066-Q1 TI1-TPS2066-Q1 Datasheet
851Kb / 24P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCH
TPS2068-Q1 TI1-TPS2068-Q1 Datasheet
762Kb / 24P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Monolithic Power System...
MP62040-1 MPS-MP62040-1 Datasheet
372Kb / 8P
1.7V- 5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP62160 MPS-MP62160 Datasheet
360Kb / 12P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP62180 MPS-MP62180 Datasheet
353Kb / 12P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
MP62260 MPS-MP62260 Datasheet
417Kb / 11P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
MP62260-1 MPS-MP62260-1 Datasheet
297Kb / 11P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com