Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDS2002C Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TDS2002C
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS2002C Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TDS2002C Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Acquisition system
Acquisition modes
Peak detect
High-frequency and random glitch capture. Captures glitches as narrow as 12 ns (typical) at all time base settings from 5 µs/div to
50 s/div
Sample
Sample data only
Average
Waveform averaged, selectable: 4, 16, 64, 128
Single sequence
Use the Single Sequence button to capture a single triggered acquisition sequence
Roll mode
At acquisition time base settings of >100 ms/div
Waveform measurements
Automatic waveform
measurements
Period, Frequency, +Width, -Width, Rise Time, Fall Time, Max, Min, Peak-to-Peak, Mean, RMS, Cycle RMS, Cursor RMS, Duty
Cycle, Phase, Delay
Cursors
Types
Amplitude and time
Measurements
ΔT, 1/ΔT (frequency), ΔV
Waveform math
Operators
Add, Subtract, Multiply, FFT
Sources
2-channel models
CH1 - CH2, CH2 - CH1, CH1 + CH2, CH1 x CH2
4-channel models
CH1 - CH2, CH2 - CH1, CH3 - CH4, CH4 - CH3, CH1 + CH2, CH3 + CH4, CH1 x CH2, CH3 x CH4
FFT
Windows: Hanning, Flat Top, Rectangular
2,048 sample points
Autoset menu
Single-button, automatic setup of all channels for vertical, horizontal, and trigger systems, with undo Autoset.
Autoset-menu signal-type choices are:
Square wave
Single Cycle, Multicycle, Rising or Falling Edge
Sine Wave
Single Cycle, Multicycle, FFT Spectrum
Video (NTSC, PAL, SECAM)
Field: Alt, Odd, or Even
Line: Alt or Selectable Line Number
Autorange
Automatically adjust vertical and/or horizontal oscilloscope settings when a probe is moved from point to point, or when a signal
exhibits large changes
Display characteristics
Display
QVGA Active Color TFT
Interpolation
Sin(x)/x
Display types
Dots, vectors
Persistence
Off, 1 s, 2 s, 5 s, infinite
Format
YT and XY
Datasheet
6 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com