Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP62161DH Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP62161DH
Description  3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62161DH Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP62161DH Datasheet HTML 4Page - Monolithic Power Systems MP62161DH Datasheet HTML 5Page - Monolithic Power Systems MP62161DH Datasheet HTML 6Page - Monolithic Power Systems MP62161DH Datasheet HTML 7Page - Monolithic Power Systems MP62161DH Datasheet HTML 8Page - Monolithic Power Systems MP62161DH Datasheet HTML 9Page - Monolithic Power Systems MP62161DH Datasheet HTML 10Page - Monolithic Power Systems MP62161DH Datasheet HTML 11Page - Monolithic Power Systems MP62161DH Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP62160/MP62161 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP62160_MP62161 Rev. 0.9
www.MonolithicPower.com
8
7/8/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
Thermal Protection
The purpose of thermal protection is to prevent
damage in the IC by allowing exceptive current to
flow
and
heating
the
junction.
The
die
temperature is internally monitored until the
thermal limit is reached. Once this temperature is
reached, the switch will turn off and allow the
chip to cool. The switch has a built-in hysteresis.
Under-voltage Lockout (UVLO)
This circuit is used to monitor the input voltage to
ensure that the MP62160/MP62161 is operating
correctly.
This UVLO circuit also ensures that is no
operation until the input voltage reaches the
minimum spec.
Enable
The logic pin disables the switch to reduce
overall supply current .Once the EN pin reaches
logic enable threshold, the MP62160/MP62161 is
enabled.
Output Discharge
The part involves a discharge function that
provides a resistive discharge path for the
external output capacitor. The function will be
active when the part is disabled (Input voltage is
under UVLO or enable is deasserted) and it will
be done in a very limited time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com