Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP62350EK Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP62350EK
Description  3.3V/5V, Dual-Channel, 500mA Current-Limited Power Distribution Switches With Output Discharge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62350EK Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP62350EK Datasheet HTML 4Page - Monolithic Power Systems MP62350EK Datasheet HTML 5Page - Monolithic Power Systems MP62350EK Datasheet HTML 6Page - Monolithic Power Systems MP62350EK Datasheet HTML 7Page - Monolithic Power Systems MP62350EK Datasheet HTML 8Page - Monolithic Power Systems MP62350EK Datasheet HTML 9Page - Monolithic Power Systems MP62350EK Datasheet HTML 10Page - Monolithic Power Systems MP62350EK Datasheet HTML 11Page - Monolithic Power Systems MP62350EK Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP62350/MP62351 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP62350/MP62351 Rev. 0.91
www.MonolithicPower.com
8
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
FUNCTION BLOCK DIAGRAM
Thermal
Sense
Deglitch
FLAG2
Logic
Thermal
Sense
Charge
Pump
EN1
IN
EN2
Charge
Pump
UVLO
Deglitch
Current
Sense
Current
Sense
Logic
GND
AMP
--
+
AMP
--
+
FLAG1
Vref
+
-
OUT1
OUT2
EN
EN
Figure 2—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com