Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ4458 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MPQ4458
Description  Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4458 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MPQ4458 Datasheet HTML 8Page - Monolithic Power Systems MPQ4458 Datasheet HTML 9Page - Monolithic Power Systems MPQ4458 Datasheet HTML 10Page - Monolithic Power Systems MPQ4458 Datasheet HTML 11Page - Monolithic Power Systems MPQ4458 Datasheet HTML 12Page - Monolithic Power Systems MPQ4458 Datasheet HTML 13Page - Monolithic Power Systems MPQ4458 Datasheet HTML 14Page - Monolithic Power Systems MPQ4458 Datasheet HTML 15Page - Monolithic Power Systems MPQ4458 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MPQ4458 –INDUSTRIAL GRADE,1A, 4MHz, 36V STEP-DOWN CONVERTER
MPQ4458 Rev. 1.0
www.MonolithicPower.com
14
12/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Try to run the feedback trace as far from the
inductor and noisy power traces as possible. It
is a good idea to run the feedback trace on the
side of the PCB opposite of the inductor with a
ground
plane
separating
the
two.
The
compensation components should be placed
close to the MPQ4458. Do not place the
compensation components close to or under
the high dv/dt SW node, or inside the high di/dt
power loop. If you have to do so, the proper
ground plane must be in place to isolate these
nodes. Switching losses are expected to
increase at high switching frequencies. To help
improve the thermal conduction, a grid of
thermal vias can be created right under the
exposed pad. It is recommended that they be
small (15mil barrel diameter) so that the hole is
essentially filled up during the plating process,
thus aiding conduction to the other side. Too
large a hole can cause solder wicking problems
during the reflow soldering process. The pitch
(distance between the centers) of several such
thermal vias in an area is typically 40mil.
PC Board Layout
The high current paths (GND, IN and SW)
should be placed very close to the device with
short, direct and wide traces. The input
capacitor needs to be as close as possible to
the IN and GND pins. The external feedback
resistors should be placed next to the FB pin.
Keep the switch node traces short and away
from
the
feedback
resistor
divider
and
compensation network.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator, the applicable
conditions of external BST diode are:
VOUT=5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, an external BST diode is
recommended from the output of the voltage
regulator to BST pin, as shown in Figure 3
MPQ4458
SW
BST
C
L
BST
C
5V or 3.3V
OUT
External BST Diode
IN4148
+
Figure 3—Add Optional External Bootstrap
Diode to Enhance Efficiency
The recommended external BST diode is
IN4148, and the BST cap is 0.1~1µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com