Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2000B Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # TPS2000B
Description  Digital Storage Oscilloscopes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TPS2000B Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TPS2000B Datasheet HTML 6Page - List of Unclassifed Manufacturers TPS2000B Datasheet HTML 7Page - List of Unclassifed Manufacturers TPS2000B Datasheet HTML 8Page - List of Unclassifed Manufacturers TPS2000B Datasheet HTML 9Page - List of Unclassifed Manufacturers TPS2000B Datasheet HTML 10Page - List of Unclassifed Manufacturers TPS2000B Datasheet HTML 11Page - List of Unclassifed Manufacturers TPS2000B Datasheet HTML 12Page - List of Unclassifed Manufacturers TPS2000B Datasheet HTML 13Page - List of Unclassifed Manufacturers TPS2000B Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Recommended accessories
Probes
Tektronix offers over 100 different probes to meet your application needs. For a comprehensive listing of available probes, please visit www.tektronix.com/probes.
A621
2000 A, 5-50 kHz AC current probe/BNC
A622
100 A, 100 kHz AC/DC current probe/BNC
P5122
200 MHz passive 100X high-voltage probe 7
P5205A
High-voltage active differential probe (1300 Vp-p, 100 MHz) (1103 power supply required)
P5210A
High-voltage active differential probe (5600 Vp-p, 50 MHz) (1103 power supply required)
CT2
2.5 A, 200 MHz AC current probe
TCP202
15 A, 50 MHz AC/DC current probe (1103 power supply required)
TCP303/TCPA300
150 A, 15 MHz AC/DC current probe/amplifier
TCP305/TCPA300
50 A, 50 MHz AC/DC current probe/amplifier
TCP312/TCPA300
30 A, 100 MHz, DC/AC current probe/amplifier
TCP404XL/TCPA400
500 A, 2 MHz AC/DC current probe/amplifier
Accessories
TPS2PBND2
Power bundle for TPS2000B oscilloscopes. Includes (4) P5122 passive, 100X high-voltage probes and TPS2PWR1 power
measurement and analysis software.
TPS2PWR1
Power measurements application package. Instantaneous power waveform analysis, waveform analysis, harmonics analysis,
switching loss, phase angles, dv/dt and di/dt cursors.
OpenChoice
The Tektronix OpenChoice Desktop free application lets you capture oscilloscope screen images, waveform data, and settings from
a Microsoft Windows computer
TPSBAT
Additional battery
TPSCHG
Battery charger
AC2100
Soft case for carrying instrument
HCTEK4321
Hard case for carrying instrument (requires AC2100)
077-0447-xx
Service manual - English only
077-0444-xx
Programmer manual - English only
Cables
012-1241-xx
RS-232, 9-Pin Female to 25-Pin Male, 4.6 m (15 ft.), for modems
012-1651-xx
RS-232, 9-Pin Female to 9-Pin Female, null modem, for computers
012-1380-xx
RS-232, 9-Pin Female to 25-Pin Female, null modem, for computers
012-1651-xx
Centronics, 25-Pin Male to 36-Pin Centronics, 2.4 m (8 ft.), for parallel printer interfaces
7
The P5122 probe should not be used for AC-coupled measurements on signals with greater than 300 V DC offset. The P5120 is the recommended probe for measuring ripple on high-voltage DC supplies.
TPS2000B Series Digital Storage Oscilloscopes
www.tektronix.com 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com