Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2014B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TPS2014B
Description  Digital Storage Oscilloscopes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TPS2014B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TPS2014B Datasheet HTML 1Page - List of Unclassifed Manufacturers TPS2014B Datasheet HTML 2Page - List of Unclassifed Manufacturers TPS2014B Datasheet HTML 3Page - List of Unclassifed Manufacturers TPS2014B Datasheet HTML 4Page - List of Unclassifed Manufacturers TPS2014B Datasheet HTML 5Page - List of Unclassifed Manufacturers TPS2014B Datasheet HTML 6Page - List of Unclassifed Manufacturers TPS2014B Datasheet HTML 7Page - List of Unclassifed Manufacturers TPS2014B Datasheet HTML 8Page - List of Unclassifed Manufacturers TPS2014B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Digital Storage Oscilloscopes
TPS2000B Series Data Sheet
The TPS2000B Series offers a distinctive range of capabilities in an
oscilloscope with controls and menus you will find familiar and easy to use.
Available in 2- or 4-channel versions, the TPS2000B Series with
IsolatedChannel™ technology provides isolation from ground and isolation
between channels allowing you to take measurements with less worry about
damaging circuitry. Battery power comes standard, making it a natural
choice for field applications. For work on power electronics, optional
software integrates commonly needed power system measurements into
the instrument, speeding up power analysis and troubleshooting.
Key performance specifications
100 MHz and 200 MHz bandwidths
2 or 4 fully isolated and floating channels, plus impedance isolated
external trigger input
Sample rates up to 2 GS/s real time on all channels
2.5k point record length on all channels
Key features
8 hours of continuous battery operation with two batteries installed, hot
swappable for virtually unlimited freedom from AC line power
Optional power application software offers the broadest range of power
measurements at its price point
Quickly document and analyze measurement results with OpenChoice
®
software or integrated CompactFlash
® mass storage
FFT standard on all models
Advanced triggers to quickly capture the event of interest
Traditional, analog-style knobs and multi-language user interface for
easy operation
Quick setup and operation with autoset menu, autorange, waveform
and setup memories, and built-in, context-sensitive Help
Backlit menu buttons for high visibility
11 of the most critical automatic waveform measurements
Applications
Industrial power design, troubleshooting, installation, and maintenance
Advanced electronics design, troubleshooting, installation, and
maintenance
Automotive design and test
Education
Make floating and differential measurements -
quickly, accurately, affordably
Unintentionally grounding a circuit under test is a common cause of poor
measurement results and circuit damage. Connecting two or more
grounded probes can cause ground loops, and if the current is high enough
can result in ruined components and equipment. Most importantly, taking
floating measurements without the proper instruments and probes can pose
a safety hazard.
Tektronix IsolatedChannel technology simplifies floating measurements.
Unlike ground-referenced oscilloscopes, the TPS2000B input connector
shells are isolated from each other and from earth ground. Within the
specified 600 VRMS maximum float voltage, IsolatedChannel technology
keeps current from flowing between the TPS2000B input BNC shells or from
any BNC shell to earth.


Similar Part No. - TPS2014B

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TPS2014B TEKTRONIX-TPS2014B Datasheet
815Kb / 14P
Digital Storage Oscilloscopes
More results

Similar Description - TPS2014B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS1012 ETC-TDS1012 Datasheet
138Kb / 8P
Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
Digital Storage Oscilloscopes
TDS1000B ETC1-TDS1000B Datasheet
429Kb / 8P
Digital Storage Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
Digital Storage Oscilloscopes
TDS2000C ETC2-TDS2000C Datasheet
1Mb / 12P
Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TBS1000B TEKTRONIX-TBS1000B Datasheet
936Kb / 12P
Digital Storage Oscilloscopes
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
Digital Storage Oscilloscopes
TPS2000B TEKTRONIX-TPS2000B Datasheet
815Kb / 14P
Digital Storage Oscilloscopes
logo
B&K Precision Corporati...
2560 BK-2560 Datasheet
3Mb / 7P
Digital Storage and Mixed Signal Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com