Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS1011E Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # VS1011E
Description  MP3 AUDIO DECODER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1011E Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button VS1011E Datasheet HTML 17Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 18Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 19Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 20Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 21Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 22Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 23Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 24Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
VS1011e
7
SPI BUSES
After the word has been shifted in and the last clock has been sent, XCS should be pulled high
to end the WRITE sequence.
After the last bit has been sent, DREQ is driven low for the duration of the register update,
marked “execution” in the figure. The time varies depending on the register and its contents
(see table in Chapter 8.6 for details). If the maximum time is longer than what it takes from
the microcontroller to feed the next SCI command or SDI byte, it is not allowed to finish a new
SCI/SDI operation before DREQ has risen up again.
7.6
SPI Timing Diagram
XCS
SCK
SI
SO
0
1
15
14
16
tXCSS
tXCSH
tWL
tWH
tH
tSU
tV
tZ
tDIS
tXCS
30
31
Figure 11: SPI Timing Diagram.
Symbol
Min
Max
Unit
tXCSS
5
ns
tSU
-26
ns
tH
2
CLKI cycles
tZ
0
ns
tWL
2
CLKI cycles
tWH
2
CLKI cycles
tV
2 (+ 25ns1)
CLKI cycles
tXCSH
-26
ns
tXCS
2
CLKI cycles
tDIS
10
ns
1 25ns is when pin loaded with 100pF capacitance. The time is shorter with lower capacitance.
Note: As tWL and tWH, as well as tH require at least 2 clock cycles, the maximum speed for the
SPI bus that can be used for read operations is 1/6 of VS1011e’s external clock speed CLKI.
For write operations maximum speed is 1/4 of CLKI. Because of asynchronous clocks between
the systems, the actual speed must be a bit slower to allow timing variations.
Note: Negative numbers mean that the signal can change in different order from what is shown
in the diagram.
Version: 1.10, 2012-02-29
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com