Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9203-EB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9203-EB
Description  10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9203-EB Datasheet(HTML) 5 Page - Analog Devices

  AD9203-EB Datasheet HTML 1Page - Analog Devices AD9203-EB Datasheet HTML 2Page - Analog Devices AD9203-EB Datasheet HTML 3Page - Analog Devices AD9203-EB Datasheet HTML 4Page - Analog Devices AD9203-EB Datasheet HTML 5Page - Analog Devices AD9203-EB Datasheet HTML 6Page - Analog Devices AD9203-EB Datasheet HTML 7Page - Analog Devices AD9203-EB Datasheet HTML 8Page - Analog Devices AD9203-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD9203
Rev. B | Page 5 of 28
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
With
Respect to
Min
Max
Unit
AVDD
AVSS
–0.3
+3.9
V
DRVDD
DRVSS
–0.3
+3.9
V
AVSS
DRVSS
–0.3
+0.3
V
AVDD
DRVDD
–3.9
+3.9
V
REFCOM
AVSS
–0.3
+0.3
V
CLK
AVSS
–0.3
AVDD + 0.3
V
Digital Outputs
DRVSS
–0.3
DRVDD + 0.3
V
AINP
AINN
AVSS
–0.3
AVDD + 0.3
V
VREF
AVSS
–0.3
AVDD + 0.3
V
REFSENSE
AVSS
–0.3
AVDD + 0.3
V
REFTF, REFBF
AVSS
–0.3
AVDD + 0.3
V
STBY
AVSS
–0.3
AVDD + 0.3
V
CLAMP
AVSS
–0.3
AVDD + 0.3
V
CLAMPIN
AVSS
–0.3
AVDD + 0.3
V
PWRCON
AVSS
–0.3
AVDD + 0.3
V
DFS
AVSS
–0.3
AVDD + 0.3
V
3-STATE
AVSS
–0.3
AVDD + 0.3
V
Junction
Temperature
150
°C
Storage
Temperature
–65
+150
°C
Lead
Temperature
(10 s)
300
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum ratings for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
28-Lead TSSOP
JA = 97.9°C/W
JC = 14.0°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com