Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9662 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9662
Description  3-Channel Laser Diode Driver with Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9662 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9662 Datasheet HTML 8Page - Analog Devices AD9662 Datasheet HTML 9Page - Analog Devices AD9662 Datasheet HTML 10Page - Analog Devices AD9662 Datasheet HTML 11Page - Analog Devices AD9662 Datasheet HTML 12Page - Analog Devices AD9662 Datasheet HTML 13Page - Analog Devices AD9662 Datasheet HTML 14Page - Analog Devices AD9662 Datasheet HTML 15Page - Analog Devices AD9662 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD9662
Rev. C | Page 13 of 16
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-137-AB
16
9
8
1
PIN 1
SEATING
PLANE
0.010
0.004
0.012
0.008
0.025
BSC
0.010
0.006
0.050
0.016
8°
0°
COPLANARITY
0.004
0.065
0.049
0.069
0.053
0.197
0.193
0.189
0.158
0.154
0.150
0.244
0.236
0.228
Figure 18.16-Lead Shrink Small Outline Package [QSOP]
(RQ-16)
Dimensions shown in inches
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9662ARQZ1
0°C to 85°C
16-Lead QSOP
RQ-16
AD9662ARQZ-REEL1
0°C to 85°C
16-Lead QSOP
RQ-16
AD9662ARQZ-REEL71
0°C to 85°C
16-Lead QSOP
RQ-16
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com