Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9221ARS Datasheet(PDF) 20 Page - Analog Devices

Part # AD9221ARS
Description  Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9221ARS Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9221ARS Datasheet HTML 16Page - Analog Devices AD9221ARS Datasheet HTML 17Page - Analog Devices AD9221ARS Datasheet HTML 18Page - Analog Devices AD9221ARS Datasheet HTML 19Page - Analog Devices AD9221ARS Datasheet HTML 20Page - Analog Devices AD9221ARS Datasheet HTML 21Page - Analog Devices AD9221ARS Datasheet HTML 22Page - Analog Devices AD9221ARS Datasheet HTML 23Page - Analog Devices AD9221ARS Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
REV. E
–20–
AD9221/AD9223/AD9220
The AD9221/AD9223/AD9220 contains an internal reference
buffer, A2 (see Figure 9), that simplifies the drive requirements
of an external reference. The external reference must be able to
drive a
≈5 kΩ (±20%) load. Note that the bandwidth of the
reference buffer is deliberately left small to minimize the refer-
ence noise contribution. As a result, it is not possible to change
the reference voltage rapidly in this mode without the removal
of the CAPT/CAPB Decoupling Network.
Variable Input Span with VCM = 2.5 V
Figure 24 shows an example of the AD9221/AD9223/AD9220
configured for an input span of 2
× VREF centered at 2.5 V. An
external 2.5 V reference drives the VINB pin, thus setting the
common-mode voltage at 2.5 V. The input span can be inde-
pendently set by a voltage divider consisting of R1 and R2,
which generates the VREF signal. A1 buffers this resistor net-
work and drives VREF. Choose this op amp based on accuracy
requirements. It is essential that a minimum of a 10
µF capaci-
tor in parallel with a 0.1
µF low inductance ceramic capacitor
decouple the reference output to ground.
2.5V+VREF
2.5V–VREF
2.5V
+5V
0.1 F
22 F
VINA
VINB
VREF
SENSE
+5V
R2
0.1 F
A1
R1
0.1 F
2.5V
REF
AD9221/
AD9223/
AD9220
Figure 24. External Reference—VCM = 2.5 V (2.5 V
on VINB, Resistor Divider to Make VREF)
Single-Ended Input with 0 to 2
VREF Range
Figure 25 shows an example of an external reference driving
both VINB and VREF. In this case, both the common-mode
voltage and input span are directly dependent on the value of
VREF. More specifically, the common-mode voltage is equal to
VREF while the input span is equal to 2
× VREF. Thus, the
valid input range extends from 0 to 2
× VREF. For example, if
the REF-191, a 2.048 external reference was selected, the valid
input range extends from 0 to 4.096 V. In this case, 1 LSB of
the AD9221/AD9223/AD9220 corresponds to 1 mV. It is essen-
tial that a minimum of a 10
µF capacitor in parallel with a 0.1 µF
low inductance ceramic capacitor decouple the reference output
to ground.
2 REF
0V
+5V
10 F
VINA
VINB
VREF
SENSE
AD9221/
AD9223/
AD9220
+5V
0.1 F
VREF
0.1 F
0.1 F
Figure 25. Input Range = 0 V to 2
× VREF
Low Cost/Power Reference
The external reference circuit shown in Figure 26 uses a low
cost 1.225 V external reference (e.g., AD580 or AD1580) along
with an op amp and transistor. The 2N2222 transistor acts in
conjunction with 1/2 of an OP282 to provide a very low imped-
ance drive for VINB. The selected op amp need not be a high
speed op amp and may be selected based on cost, power, and
accuracy.
3.75V
1.25V
5V
10 F
VINA
VINB
VREF
SENSE
AD9221/
AD9223/
AD9220
5V
0.1 F
316
1k
0.1 F
1/2
OP282
10 F
0.1 F
7.5k
AD1580
1k
1k
820
5V
2N2222
1.225V
Figure 26. External Reference Using the AD1580
and Low Impedance Buffer
DIGITAL INPUTS AND OUTPUTS
Digital Outputs
The AD9221/AD9223/AD9220 output data is presented in
positive true straight binary for all input ranges. Table IV indi-
cates the output data formats for various input ranges regardless
of the selected input range. A twos complement output data
format can be created by inverting the MSB.
Table IV. Output Data Format
Input (V)
Condition (V)
Digital Output
OTR
VINA –VINB
< – VREF
0000 0000 0000
1
VINA –VINB
= – VREF
0000 0000 0000
0
VINA –VINB
= 0
1000 0000 0000
0
VINA –VINB
= + VREF – 1 LSB
1111 1111 1111
0
VINA –VINB
≥ + VREF
1111 1111 1111
1
1111 1111 1111
1111 1111 1111
1111 1111 1110
OTR
–FS
+FS
–FS+1/2 LSB
+FS –1/2 LSB
–FS –1/2 LSB
+FS –1 1/2 LSB
0000 0000 0001
0000 0000 0000
0000 0000 0000
1
0
0
0
0
1
OTR DATA OUTPUTS
Figure 27. Output Data Format
Out Of Range (OTR)
An out-of-range condition exists when the analog input voltage
is beyond the input range of the converter. OTR is a digital
output that is updated along with the data output corresponding
to the particular sampled analog input voltage. Thus, OTR has
the same pipeline delay (latency) as the digital data. It is LOW
when the analog input voltage is within the analog input range.
It is HIGH when the analog input voltage exceeds the input
range as shown in Figure 27. OTR will remain HIGH until the
analog input returns within the input range and another conver-
sion is completed. By logical ANDing OTR with the MSB and
its complement, overrange high or underrange low conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com