Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DU80 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DU80
Description  R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DU80 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DU80 Datasheet HTML 1Page - List of Unclassifed Manufacturers DU80 Datasheet HTML 2Page - List of Unclassifed Manufacturers DU80 Datasheet HTML 3Page - List of Unclassifed Manufacturers DU80 Datasheet HTML 4Page - List of Unclassifed Manufacturers DU80 Datasheet HTML 5Page - List of Unclassifed Manufacturers DU80 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CIF
090917
Réf. AG 611, AG621 , AG631, AJP20
Tinned copper clad pads
Drilled at 2,54 mm pitch.
Ø -> drilling 1 mm
Square pads 2 mm each side. Gap of 0,54 mm on the whole surface. Connector DIN
41612.
Size in mm
Item Code
100 x 160
AG 611
Double sided epoxy, thickness 16/10th
Tinned copper clad pads
Drilled at 2,54 mm pitch.
Ø -> drilling 1 mm
Square pads 2 mm on sides. Gap of 0.54 mm on the whole surface. 2.54 mm pitch plug-in
connector.
Size in mm
Item Code
100 x 160
AG 621
Tinned copper clad pads
Drilled at 2,54 mm pitch.
Ø -> drilling 1 mm
Square pads 2 mm on sides. Gap of 0.54 mm on the whole surface. Connector DIN
41612.
Size in mm
Item Code
100 x 160
AG 631
Single sided bakelite 35 µ, thickness 15/10th tinned copper clad strips or pads
Drilled at 2,54 mm pitch.
Ø -> drilling 1 mm.
Gap of 0,54 mm on the whole surface. Width of tracks 2 mm over the whole surface.
Size in mm
Item code
Strips
Item code
Pads
100 x 200
AJB 20
AJP 20
Edité le 13/11/2008
Page N°2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com