Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD22100ST Datasheet(PDF) 11 Page - Analog Devices

Part # AD22100ST
Description  Voltage Output Temperature Sensor with Signal Conditioning
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22100ST Datasheet(HTML) 11 Page - Analog Devices

Back Button AD22100ST Datasheet HTML 4Page - Analog Devices AD22100ST Datasheet HTML 5Page - Analog Devices AD22100ST Datasheet HTML 6Page - Analog Devices AD22100ST Datasheet HTML 7Page - Analog Devices AD22100ST Datasheet HTML 8Page - Analog Devices AD22100ST Datasheet HTML 9Page - Analog Devices AD22100ST Datasheet HTML 10Page - Analog Devices AD22100ST Datasheet HTML 11Page - Analog Devices AD22100ST Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD22100
Rev. D | Page 11 of 12
ORDERING GUIDE
Models
Temperature Range
Package Description
Package Outline
AD22100KT
0°C to +100°C
3-Pin Plastic Header Package (TO-92)
T-3
AD22100KR
0°C to +100°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100KR-REEL7
0°C to +100°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100KRZ1
0°C to +100°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100KRZ-REEL71
0°C to +100°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100AT
–40°C to +85°C
3-Pin Plastic Header Package (TO-92)
T-3
AD22100AR
–40°C to +85°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100AR-REEL
–40°C to +85°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100AR-REEL7
–40°C to +85°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100ST
–50°C to +150°C
3-Pin Plastic Header Package (TO-92)
T-3
AD22100SR
–50°C to +150°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100SR-REEL7
–50°C to +150°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100SRZ1
–50°C to +150°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100SRZ-REEL71
–50°C to +150°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100KCHIPS
DIE
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com