Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4423A Datasheet(PDF) 12 Page - Microchip Technology

Part # TC4423A
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4423A Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC4423A Datasheet HTML 8Page - Microchip Technology TC4423A Datasheet HTML 9Page - Microchip Technology TC4423A Datasheet HTML 10Page - Microchip Technology TC4423A Datasheet HTML 11Page - Microchip Technology TC4423A Datasheet HTML 12Page - Microchip Technology TC4423A Datasheet HTML 13Page - Microchip Technology TC4423A Datasheet HTML 14Page - Microchip Technology TC4423A Datasheet HTML 15Page - Microchip Technology TC4423A Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TC4423A/TC4424A/TC4425A
DS21998B-page 12
© 2007 Microchip Technology Inc.
8-Lead Plastic Dual Flat, No Lead Package (MF) – 6x5 mm Body [DFN-S]
PUNCH SINGULATED
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. Package may have one or more exposed tie bars at ends.
3. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
8
Pitch
e
1.27 BSC
Overall Height
A
–
0.85
1.00
Molded Package Thickness
A2
–
0.65
0.80
Standoff
A1
0.00
0.01
0.05
Base Thickness
A3
0.20 REF
Overall Length
D
4.92 BSC
Molded Package Length
D1
4.67 BSC
Exposed Pad Length
D2
3.85
4.00
4.15
Overall Width
E
5.99 BSC
Molded Package Width
E1
5.74 BSC
Exposed Pad Width
E2
2.16
2.31
2.46
Contact Width
b
0.35
0.40
0.47
Contact Length
L
0.50
0.60
0.75
Contact-to-Exposed Pad
K
0.20
–
–
Model Draft Angle Top
φ
–
–
12°
φ
NOTE 2
A3
A2
A1
A
NOTE 1
NOTE 1
EXPOSED
PAD
BOTTOM VIEW
1
2
D2
2
1
E2
K
L
N
e
b
E
E1
D
D1
N
TOP VIEW
Microchip Technology Drawing C04-113B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com