Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4467 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC4467
Description  Logic-Input CMOS Quad Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4467 Datasheet(HTML) 5 Page - Microchip Technology

  TC4467 Datasheet HTML 1Page - Microchip Technology TC4467 Datasheet HTML 2Page - Microchip Technology TC4467 Datasheet HTML 3Page - Microchip Technology TC4467 Datasheet HTML 4Page - Microchip Technology TC4467 Datasheet HTML 5Page - Microchip Technology TC4467 Datasheet HTML 6Page - Microchip Technology TC4467 Datasheet HTML 7Page - Microchip Technology TC4467 Datasheet HTML 8Page - Microchip Technology TC4467 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2002 Microchip Technology Inc.
DS21425B-page 5
TC4467/TC4468/TC4469
2.0
TYPICAL PERFORMANCE CURVES
Note:
TA = +25°C, with 4.5 V ≤ VDD ≤ 18 V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
FIGURE 2-3:
Rise/Fall Times vs.
Temperature.
FIGURE 2-4:
Fall Time vs. Supply
Voltage.
FIGURE 2-5:
Fall Time vs. Capacitive
Load.
FIGURE 2-6:
Propagation Delay Time vs.
Supply Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
140
120
100
80
60
40
20
0
3
5
7
9
11
13
15
17
19
2200 pF
0 p
p
1600 pF
1000 pF
470 pF
100 pF
VSUPPLY (V)
140
120
100
80
60
40
20
0
100
1000
10,000
10 V
15 V
V
V
V
5 V
CLOAD (pF)
0
-50
5
10
15
20
25
-25
0
25
50
75
100
125
tFALL
tRISE
VSUPPLY = 17.5 V
CLOAD = 470 pF
TEMPERATURE (
°C)
140
120
100
80
60
40
20
0
3
5
7
9
11
13
15
17
19
p
100 pF
470 pF
1000 pF
1500 pF
2200 pF
VSUPPLY (V)
140
120
100
80
60
40
20
0
100
0
0
1000
10,000
V
V
V
5 V
10 V
15 V
CLOAD (pF)
0
4
20
40
60
80
8
12
14
16
18
6
10
VSUPPLY (V)
ttD1
tD2
C
CLOAD 470 pF
= 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com