Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7106 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC7106
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC7106 Datasheet HTML 3Page - Microchip Technology TC7106 Datasheet HTML 4Page - Microchip Technology TC7106 Datasheet HTML 5Page - Microchip Technology TC7106 Datasheet HTML 6Page - Microchip Technology TC7106 Datasheet HTML 7Page - Microchip Technology TC7106 Datasheet HTML 8Page - Microchip Technology TC7106 Datasheet HTML 9Page - Microchip Technology TC7106 Datasheet HTML 10Page - Microchip Technology TC7106 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21455D-page 7
TC7106/A/TC7107/A
36
(5)
VREF+
The analog input required to generate a full scale output (1999 counts). Place
100 mV between Pins 35 and 36 for 199.9 mV full scale. Place 1V between Pins 35
and 36 for 2V full scale. See paragraph on Reference Voltage.
37
(4)
TEST
Lamp test. When pulled HIGH (to V+) all segments will be turned on and the display
should read -1888. It may also be used as a negative supply for externally generated
decimal points. See paragraph under TEST for additional information.
38
(3)
OSC3
See Pin 40.
39
(2)
OSC2
See Pin 40.
40
(1)
OSC1
Pins 40, 39, 38 make up the oscillator section. For a 48 kHz clock (3 readings per
section), connect Pin 40 to the junction of a 100 k
Ω resistor and a 100 pF capacitor.
The 100 k
Ω resistor is tied to Pin 39 and the 100 pF capacitor is tied to Pin 38.
TABLE 2-1:
PIN FUNCTION TABLE (CONTINUED)
Pin Number
(40-Pin PDIP)
Normal
Pin No.
(40-Pin PDIP)
(Reversed
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com