Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27X040 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM27X040
Description  4 Megabit (512 K x 8-Bit) CMOS ExpressROM Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27X040 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM27X040 Datasheet HTML 2Page - Advanced Micro Devices AM27X040 Datasheet HTML 3Page - Advanced Micro Devices AM27X040 Datasheet HTML 4Page - Advanced Micro Devices AM27X040 Datasheet HTML 5Page - Advanced Micro Devices AM27X040 Datasheet HTML 6Page - Advanced Micro Devices AM27X040 Datasheet HTML 7Page - Advanced Micro Devices AM27X040 Datasheet HTML 8Page - Advanced Micro Devices AM27X040 Datasheet HTML 9Page - Advanced Micro Devices AM27X040 Datasheet HTML 10Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Am27X040
7
TEST CONDITIONS
Table 1.
Test Specifications
SWITCHING TEST WAVEFORM
KEY TO SWITCHING WAVEFORMS
2.7 k
Ω
CL
6.2 k
Ω
5.0 V
Device
Under
Test
15654D-7
Figure 3.
Test Setup
Note:
Diodes are IN3064 or equivalents.
Test Condition
All
Unit
Output Load
1 TTL gate
Output Load Capacitance, CL
(including jig capacitance)
100
pF
Input Rise and Fall Times
≤ 20
ns
Input Pulse Levels
0.45–2.4
V
Input timing measurement reference
levels
0.8, 2.0
V
Output timing measurement
reference levels
0.8, 2.0
V
2.4 V
0.45 V
Input
Output
Test Points
2.0 V
2.0 V
0.8 V
0.8 V
15654D-8
Note: For CL = 100 pF.
KS000010-PAL
WAVEFORM
INPUTS
OUTPUTS
Steady
Changing from H to L
Changing from L to H
Don’t Care, Any Change Permitted
Changing, State Unknown
Does Not Apply
Center Line is High Impedance State (High Z)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com