Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27X128 Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM27X128
Description  128 Kilobit (16 K x 8-Bit) CMOS ExpressROM Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27X128 Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM27X128 Datasheet HTML 1Page - Advanced Micro Devices AM27X128 Datasheet HTML 2Page - Advanced Micro Devices AM27X128 Datasheet HTML 3Page - Advanced Micro Devices AM27X128 Datasheet HTML 4Page - Advanced Micro Devices AM27X128 Datasheet HTML 5Page - Advanced Micro Devices AM27X128 Datasheet HTML 6Page - Advanced Micro Devices AM27X128 Datasheet HTML 7Page - Advanced Micro Devices AM27X128 Datasheet HTML 8Page - Advanced Micro Devices AM27X128 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Am27X128
3
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
DEVICE NUMBER/DESCRIPTION
Am27X128
128 Kilobit (16 K x 8-Bit) CMOS ExpressROM Device
AM27X128
-55
J
C
CODE DESIGNATION
Assigned by AMD
TEMPERATURE RANGE
C = Commercial (0
°C to +70
°C)
I= Industrial (–40
°C to +85°C)
PACKAGE TYPE
P
= 28-Pin Plastic Dual In-Line Package (PD 028)
J
= 32-Pin Plastic Leaded Chip Carrier (PL 032)
SPEED OPTION
See Product Selector Guide and Valid Combinations
XXXXX
Valid Combinations
AM27X128-55
PC, JC, PI, JI
AM27X128-70
AM27X128-90
AM27X128-120
AM27X128-150
AM27X128-200
AM27X128-255
VCC = 5.0 V ± 5%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com