Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27X256 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM27X256
Description  256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27X256 Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM27X256 Datasheet HTML 1Page - Advanced Micro Devices AM27X256 Datasheet HTML 2Page - Advanced Micro Devices AM27X256 Datasheet HTML 3Page - Advanced Micro Devices AM27X256 Datasheet HTML 4Page - Advanced Micro Devices AM27X256 Datasheet HTML 5Page - Advanced Micro Devices AM27X256 Datasheet HTML 6Page - Advanced Micro Devices AM27X256 Datasheet HTML 7Page - Advanced Micro Devices AM27X256 Datasheet HTML 8Page - Advanced Micro Devices AM27X256 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Am27X256
PRODUCT SELECTOR GUIDE
CONNECTION DIAGRAMS
Top View
DIP
PLCC
Notes:
1. JEDEC nomenclature is in parenthesis.
2. Don’t use (DU) for PLCC.
PIN DESIGNATIONS
A0–A14
= Address Inputs
CE# (E#)
= Chip Enable Input
DQ0–DQ7
= Data Input/Outputs
OE# (G#)
= Output Enable Input
PGM# (P#)
= Program Enable Input
VCC
=VCC Supply Voltage
VPP
= Program Voltage Input
VSS
= Ground
NC
= No Internal Connection
LOGIC SYMBOL
Family Part Number
Am27X256
Speed Options
VCC = 5.0 V ± 5%
-255
VCC = 5.0 V ± 10%
-55
-70
-90
-120
-150
-200
Max Access Time (ns)
55
70
90
120
150
200
250
CE# (E#) Access (ns)
55
70
90
120
150
200
250
OE# (G#) Access (ns)
35
40
40
50
50
50
50
3
4
5
2
1
9
10
11
12
13
23
22
21
20
19
7
8
18
17
6
28
27
16
14
26
25
24
15
A6
A5
A4
A3
A2
A1
A0
DQ0
A7
DQ1
DQ2
VSS
A8
A9
A11
OE# (G#)
A10
CE# (E#)
DQ7
VCC
A14
DQ6
A13
DQ5
DQ4
DQ3
VPP
A12
12082F-2
131 30
2
3
4
5
6
7
8
9
10
11
12
13
17 18 19 20
16
15
14
29
28
27
26
25
24
23
22
21
32
A6
A5
A4
A3
A2
A1
A0
NC
DQ0
A8
A9
A11
NC
OE# (G#)
A10
CE# (E#)
DQ7
DQ6
12082F-3
15
8
DQ0–DQ7
A0–A14
CE# (E#)
OE# (G#)
12082F-4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com