Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2104FBD48 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LPC2104FBD48
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2104FBD48 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LPC2104FBD48 Datasheet HTML 14Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 15Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 16Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 17Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 18Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 19Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 20Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 21Page - NXP Semiconductors LPC2104FBD48 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
18 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
6.12 SPI serial I/O controller
The SPI is a full duplex serial interface, designed to be able to handle multiple masters
and slaves connected to a given bus. Only a single master and a single slave can
communicate on the interface during a given data transfer. During a data transfer the
master always sends a byte of data to the slave, and the slave always sends a byte of data
to the master.
6.12.1 Features
• Compliant with Serial Peripheral Interface (SPI) specification.
• Synchronous, serial, full duplex communication.
• Combined SPI master and slave.
• Maximum data bit rate of one eighth of the input clock rate.
6.12.2 Features available in LPC2104/2105/2106/01 only
• Selectable transfer width of eight to 16 bit per frame.
• When the SPI interface is used in Master mode, the SSEL pin is not needed (can be
used for a different function).
6.13 SSP controller (LPC2104/2015/2106/01 only)
The SSP is a controller capable of operation on a SPI, 4-wire SSI, or Microwire bus. It can
interact with multiple masters and slaves on the bus. Only a single master and a single
slave can communicate on the bus during a given data transfer. Data transfers are in
principle full duplex, with frames of four to 16 bits of data flowing from the master to the
slave and from the slave to the master.
Because the SSP and SPI peripherals share the same physical pins, it is not possible to
have both of these two peripherals active at the same time. Application can switch on the
fly from SPI to SSP and back.
6.13.1 Features
• Compatible with Motorola’s SPI, Texas Instrument’s 4-wire SSI, and National
Semiconductor’s Microwire buses.
• Synchronous serial communication.
• Master or slave operation.
• 8-frame FIFOs for both transmit and receive.
• Four to 16 bits per frame.
6.14 General purpose timers
The Timer is designed to count cycles of the peripheral clock (PCLK) and optionally
generate interrupts or perform other actions at specified timer values, based on four
match registers. It also includes up to four capture inputs to trap the timer value when an
input signal transitions, optionally generating an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com