Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP280V Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OP280V
Description  PLCC-2 Pkg Infrared Light Emitting Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OP280V Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OP280V Datasheet HTML 1Page - List of Unclassifed Manufacturers OP280V Datasheet HTML 2Page - List of Unclassifed Manufacturers OP280V Datasheet HTML 3Page - List of Unclassifed Manufacturers OP280V Datasheet HTML 4Page - List of Unclassifed Manufacturers OP280V Datasheet HTML 5Page - List of Unclassifed Manufacturers OP280V Datasheet HTML 6Page - List of Unclassifed Manufacturers OP280V Datasheet HTML 7Page - List of Unclassifed Manufacturers OP280V Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Infrared Light Emitting Diode
OP180 & OP280 Series
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B
07/2012
Page 2 of 8
Absolute Maximum Ratings (TA=25° C unless otherwise noted)
Storage Temperature Range
-40o C to +100o C
Operating Temperature Range—OP180, OP280, OP280K, OP280KT, OP280PS
OP280V
-25o C to +85o C
0o C to +70o C
Reverse Voltage
OP180, OP280, OP280PS, OP280V
OP280K, OP280KT
5.0 V
4.0 V
Peak Forward Current [ 1µs pulse width, 300 pps] (Except OP280V)
1.0 A
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C(1)
Power Dissipation
130 mW(2)
Notes:
1. Solder time less than 5 seconds at temperature extreme.
2. Derate linearly at 2.17 mW/° C above 25° C.
3. EE(APT) is a measurement of the apertured radiant incidence upon a sensing area 0.081” (2.06 mm) in diameter, perpendicular to and
centered on the mechanical axis of the lens and 0.590” (14.99 mm) from the measurement surface. EE(APT) is not necessarily uniform within
the measured area.
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
EE (APT)
Radiant Incidence
OP180
OP280
OP280K
OP280KT
OP280PS
OP280V
0.50
0.50
0.65
0.65
0.10
1.50
-
-
-
-
-
-
-
-
-
-
-
-
mW/cm2
IF = 20 mA
(3)
IF = 20 mA
(3)
IF = 20 mA
(3)
IF = 20 mA
(3)
IF = 20 mA
(3)
IF = 7 mA
(3)
VF
Forward Voltage
OP180
OP280
OP280K
OP280KT
OP280V
OP280PS
-
-
-
-
-
-
1.28
-
1.50
1.55
1.95
1.50
1.60
1.50
1.80
1.80
2.50
1.80
V
IF = 20 mA
IF = 20 mA
IF = 20 mA
IF = 50 mA
IF = 7 mA
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR= 5.0 V
λP
Wavelength at Peak Emission
OP180
OP280
OP280KT
OP280PS, OP280K
OPOP280V
-
-
-
-
-
940
890
850
875
850
-
-
-
-
-
nm
IF = 20 mA
IF = 7 mA
θHP
Emission Angle at Half Power Points
OP180, OP280, OP280K, OP280KT
OP280PS
OP280V
-
-
-
100
90
18
-
-
-
Degree°
IF = 20 mA
IF = 20 mA
IF = 7 mA
tr
Output Rise Time
OP180, OP280K, OP280KT, OP280PS
OP280
OP280V
-
-
-
500
700
-
-
-
100
ns
ns
ps
IF(PK)=50 mA, PW=10 µs, and D.C.=10.0%
IF(PK)=5 mA, PW=10 µs, and D.C.=10.0%
(For OP280V)
tf
Output Fall Time
OP180, OP280K, OP280KT, OP280PS
OP280
OP280V
-
-
-
500
700
-
-
-
100
ns
ns
ps



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com