Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP280 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OP280
Description  PLCC-2 Pkg Infrared Light Emitting Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OP280 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OP280 Datasheet HTML 1Page - List of Unclassifed Manufacturers OP280 Datasheet HTML 2Page - List of Unclassifed Manufacturers OP280 Datasheet HTML 3Page - List of Unclassifed Manufacturers OP280 Datasheet HTML 4Page - List of Unclassifed Manufacturers OP280 Datasheet HTML 5Page - List of Unclassifed Manufacturers OP280 Datasheet HTML 6Page - List of Unclassifed Manufacturers OP280 Datasheet HTML 7Page - List of Unclassifed Manufacturers OP280 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B
07/2012
Page 1 of 8
PLCC-2 Pkg Infrared Light Emitting Diode
OP180 & OP280 Series
Features:
• SMD Package
• High power GaAs—OP180, 940 nm typical peak wavelength
• Standard GaAlAs-OP280, 890nm typical peak wavelength
• High power GaAIAs—OP280K and OP280KT, 875 nm typical peakwavelength
• VCSEL GaAlAs-OP280V, 850 nm typical peak wavelength
• Point Source GaAlAs-OP280PS, 850 nm typical peakwavelength
• LCC-2 package style with silicon encapsulation
• Half Power Beam angle from 18° to 100°
• Variety of power ranges
• Suitable for single device or array applications
• Moisture Sensitivity Level: MSL2 or >
1
2
Pin #1 (Anode or Cathode
Ordering Information
Part
Number
Apertured
Power (mW/cm
2)
IF
(mA)
LED Peak
Wavelength
Half Power
Angle
OP180
0.50
20
940 nm
100°
OP280KT
0.85
20
850 nm
90°
OP280K
0.85
20
875 nm
90°
OP280PS
0.15
20
850 nm
50°
OP280V
2.50
7
850 nm
18°
OP280
0.50
20
890 nm
100°
Pin #
OP180
1
Cathode
2
Anode
OP280KT
Cathode
Anode
OP280K
Anode
Cathode
OP280PS
Anode
Cathode
OP280V
Cathode
Anode
OP280
Anode
Cathode
1
2
OP180
OP280KT
OP280V
OP280
OP280K
OP280PS
RoHS
Description:
The OP180 is a GaAs and the OP280 series are GaAlAs infrared LED mounted in plastic leadless PLCC-2 SMD package with
a flat lens window that allows for wide beam angles. All parts endure the attribute of silicone encapsulation to increase the
longevity of the product.
The OP280V is a high performance 850nm vertical cavity surface emitting laser (VCSEL). This device requires substantially
lower current to achieve same amount of output power as LEDS. Its high speed, high output makes it versatile with low input
current. The OP280PS features a point source irradiance pattern, stable forward voltage over temperature and low rise and fall
times, making it ideal for high speed operations. The OP280K and the OP280KT are high performance, high speed, high
power IRLEDS. The OP280KT utilizes double hetero junction technology with reverse polarity terminals. The low power
consumption PLCC-2 packaging is suitable for single device or array applications.
The 180 and 280 Series LEDs are mechanically and spectrally matched to OP580 series phototransistors.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data.
Applications:
• Non-contact position sensing
• Datum detection
• Light curtains
• Photoelectronic sensors
• Machine automation
• Optical encoding
• IR illumination
• Night vision systems


Similar Part No. - OP280

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP280 OPTEK-OP280 Datasheet
261Kb / 3P
Infrared Light Emitting Diode in SMT Plastic Package
logo
TT Electronics.
OP280K TTELEC-OP280K Datasheet
1Mb / 8P
Infrared Light Emitting Diode
OP280KT TTELEC-OP280KT Datasheet
1Mb / 8P
Infrared Light Emitting Diode
OP280PS TTELEC-OP280PS Datasheet
1Mb / 8P
Infrared Light Emitting Diode
OP280V TTELEC-OP280V Datasheet
1Mb / 8P
Infrared Light Emitting Diode
More results

Similar Description - OP280

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR2800 OPTEK-OPR2800 Datasheet
259Kb / 2P
Infrared Light Emitting Diode
OP250 OPTEK-OP250 Datasheet
254Kb / 3P
Infrared Light Emitting Diode
OP205CL OPTEK-OP205CL_14 Datasheet
204Kb / 2P
Infrared Light Emitting Diode
logo
Roithner LaserTechnik G...
ELD-810-525 ROITHNER-ELD-810-525 Datasheet
654Kb / 3P
infrared light emitting diode
ELD-700-524 ROITHNER-ELD-700-524 Datasheet
508Kb / 2P
Infrared Light Emitting Diode
ELD-850-525 ROITHNER-ELD-850-525 Datasheet
254Kb / 1P
INFRARED Light Emitting Diode
ELD-1650-525 ROITHNER-ELD-1650-525 Datasheet
254Kb / 1P
INFRARED Light Emitting Diode
logo
TT Electronics.
OP180 TTELEC-OP180 Datasheet
1Mb / 8P
Infrared Light Emitting Diode
OP205CL TTELEC-OP205CL Datasheet
242Kb / 2P
Infrared Light Emitting Diode
OPR2800 TTELEC-OPR2800 Datasheet
265Kb / 2P
Infrared Light Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com