Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27X010-55JC Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM27X010-55JC
Description  1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27X010-55JC Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM27X010-55JC Datasheet HTML 2Page - Advanced Micro Devices AM27X010-55JC Datasheet HTML 3Page - Advanced Micro Devices AM27X010-55JC Datasheet HTML 4Page - Advanced Micro Devices AM27X010-55JC Datasheet HTML 5Page - Advanced Micro Devices AM27X010-55JC Datasheet HTML 6Page - Advanced Micro Devices AM27X010-55JC Datasheet HTML 7Page - Advanced Micro Devices AM27X010-55JC Datasheet HTML 8Page - Advanced Micro Devices AM27X010-55JC Datasheet HTML 9Page - Advanced Micro Devices AM27X010-55JC Datasheet HTML 10Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Am27X010
REVISION SUMMARY FOR AM27X010
Revision F
Global
Changed formatting to match current data sheets.
Distinctive Characteristics
Fast access time: Changed 70 ns to 55 ns.
General Description
Changed “Data can be accessed as fast as 70 ns” to
“Data can be accessed as fast as 55 ns”.
Product Selector Guide
Added the -55 speed option.
Ordering Information
Package Type: Corrected “P = 28-Pin Plastic Dual In-Line
Package (PD 028)” to “P = 32-Pin Plastic Dual In-Line Pack-
age (PD 032)”.
Speed Option: Changed -70 to -55.
Valid Combinations: Added Am27X010-55.
AC Characterisitics
Added the -55 speed option.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc.
Flashrite is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com