Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27X040-90PI Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM27X040-90PI
Description  4 Megabit (512 K x 8-Bit) CMOS ExpressROM Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27X040-90PI Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM27X040-90PI Datasheet HTML 2Page - Advanced Micro Devices AM27X040-90PI Datasheet HTML 3Page - Advanced Micro Devices AM27X040-90PI Datasheet HTML 4Page - Advanced Micro Devices AM27X040-90PI Datasheet HTML 5Page - Advanced Micro Devices AM27X040-90PI Datasheet HTML 6Page - Advanced Micro Devices AM27X040-90PI Datasheet HTML 7Page - Advanced Micro Devices AM27X040-90PI Datasheet HTML 8Page - Advanced Micro Devices AM27X040-90PI Datasheet HTML 9Page - Advanced Micro Devices AM27X040-90PI Datasheet HTML 10Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Am27X040
AC CHARACTERISTICS
Caution: Do not remove the device from (or insert it into) a socket or board that has VPP or VCC applied.
Notes:
1. VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP.
2. This parameter is sampled and not 100% tested.
3. Switching characteristics are over operating range, unless otherwise specified.
4. See Figure 3 and Table 1 for test specifications.
SWITCHING WAVEFORMS
Notes:
1. OE# may be delayed up to tACC – tOE after the falling edge of the addresses without impact on tACC.
2. tDF is specified from OE# or CE#, whichever occurs first.
PACKAGE CAPACITANCE
Notes:
1. This parameter is only sampled and not 100% tested.
2. TA = +25°C, f = 1 MHz.
Parameter Symbols
Description
Test Setup
Am27X040
Unit
JEDEC
Standard
-90
-120
-150
-200
tAVQV
tACC
Address to Output Delay
CE#,
OE# = VIL
Max
100
120
150
200
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
100
120
150
200
ns
tGLQV
tOE
Output Enable to Output Delay
CE# = VIL
Max
40505560
ns
tEHQZ
tGHQZ
tDF
(Note 2)
Chip Enable High or Output
Enable High to Output High Z,
Whichever Occurs First
Max
30303040
ns
tAXQX
tOH
Output Hold Time from
Addresses, CE# or OE#,
Whichever Occurs First
Min
0
0
0
0
ns
Addresses
CE#
OE#
Output
15654D-9
Addresses Valid
High Z
High Z
tCE
Valid Output
2.4
0.45
2.0
0.8
2.0
0.8
tACC
(Note 1)
tOE
tDF (Note 2)
tOH
Parameter
Symbol
Parameter Description
Test Conditions
PD 032
PL 032
Unit
Typ
Max
Typ
Max
CIN
Input Capacitance
VIN = 0
10
12
8
10
pF
COUT
Output Capacitance
VOUT = 0
12
15
9
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com