Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM28F020A Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM28F020A
Description  2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F020A Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM28F020A Datasheet HTML 1Page - Advanced Micro Devices AM28F020A Datasheet HTML 2Page - Advanced Micro Devices AM28F020A Datasheet HTML 3Page - Advanced Micro Devices AM28F020A Datasheet HTML 4Page - Advanced Micro Devices AM28F020A Datasheet HTML 5Page - Advanced Micro Devices AM28F020A Datasheet HTML 6Page - Advanced Micro Devices AM28F020A Datasheet HTML 7Page - Advanced Micro Devices AM28F020A Datasheet HTML 8Page - Advanced Micro Devices AM28F020A Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Am28F020A
3
PRODUCT SELECTOR GUIDE
BLOCK DIAGRAM
Family Part Number
Am28F020A
Speed Options (VCC = 5.0 V ± 10%)
-70
-90
-120
-150
-200
Max Access Time (ns)
70
90
120
150
200
CE# (E#) Access (ns)
70
90
120
150
200
OE# (G#) Access (ns)
35
35
50
55
55
17502D-1
Erase
Voltage
Switch
Input/Output
Buffers
Data Latch
Y-Gating
2,097,152
Bit
Cell Matrix
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Program/Erase
Pulse Timer
Low VCC
Detector
Command
Register
WE#
CE#
OE#
A0–A17
DQ0–DQ7
VCC
VSS
State
Control
VPP
To Array
Program
Voltage
Switch
Embedded
Algorithms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com