Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDDFN2-T3.3B Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CDDFN2-T3.3B
Description  Surface Mount TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDDFN2-T3.3B Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CDDFN2-T3.3B Datasheet HTML 1Page - Bourns Electronic Solutions CDDFN2-T3.3B Datasheet HTML 2Page - Bourns Electronic Solutions CDDFN2-T3.3B Datasheet HTML 3Page - Bourns Electronic Solutions CDDFN2-T3.3B Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can
and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
CDDFN2-T3.3B - Surface Mount TVS Diode
Packaging Information
.......
.......
.......
.......
.......
.......
.......
.......
P
A
F
E
T
120 °
D2
D
D
1
W1
C
Index Hole
P
0
P
1
d
1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
d
The surface mount product is packaged in an 8 mm x 4 mm tape and reel format per EIA-481 standard.
DIMENSIONS:
MM
(INCHES)
Item
Symbol
DFN-2
Carrier Width
A
0.70 ± 0.05
(0.028 ± 0.002)
Carrier Length
B
1.15 ± 0.05
(0.045 ± 0.002)
Carrier Depth
C
0.47 ± 0.05
(0.019 ± 0.002)
Sprocket Hole
d
1.55 ± 0.05
(0.061 ± 0.002)
Reel Outside Diameter
D
179.0 ± 1.00
(7.05 ± 0.04)
Punch Hole
d1
0.4± 0.05
0.016 ± 0.002
Reel Inner Diameter
D1
60.0 ± 0.50
2.362 ± 0.02
Feed Hole Diameter
D2
13.0 ± 0.20
(0.512 ± 0.008)
Sprocket Hole Position
E
1.75 ± 0.10
(0.069 ± 0.004)
Punch Hole Position
F
3.50 ± 0.05
(0.138 ± 0.002)
Punch Hole Pitch
P
2.00 ± 0.05
(0.079 ± 0.002)
Sprocket Hole Pitch
P0
4.00 ± 0.10
(0.157 ± 0.004)
Embossment Center
P1
2.00 ± 0.05
(0.079 ± 0.002)
Overall Tape Thickness
T
0.20 ± 0.05
(0.008 ± 0.002)
Tape Width
W
8.00 ± 0.10
(0.315 ± 0.004)
Reel Width
W1
14.4
(0.567)
MAX.
Quantity per Reel
--
12,000
REV. 10/31/13



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com