Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM28F256A Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM28F256A
Description  256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F256A Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM28F256A Datasheet HTML 8Page - Advanced Micro Devices AM28F256A Datasheet HTML 9Page - Advanced Micro Devices AM28F256A Datasheet HTML 10Page - Advanced Micro Devices AM28F256A Datasheet HTML 11Page - Advanced Micro Devices AM28F256A Datasheet HTML 12Page - Advanced Micro Devices AM28F256A Datasheet HTML 13Page - Advanced Micro Devices AM28F256A Datasheet HTML 14Page - Advanced Micro Devices AM28F256A Datasheet HTML 15Page - Advanced Micro Devices AM28F256A Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
12
Am28F256A
FLASH MEMORY PROGRAM/ERASE
OPERATIONS
Embedded Erase Algorithm
The automatic chip erase does not require the device
to be entirely pre-programmed prior to executing the
Embedded set-up erase command and Embedded
erase command. Upon executing the Embedded erase
command the device automatically will program and
verify the entire memory for an all zero data pattern.
The system is
not required to provide any controls or
timing during these operations.
When the device is automatically verified to contain an
all zero pattern, a self-timed chip erase and verify be-
gin. The erase and verify operation are complete when
the data on DQ7 is “1" (see Write Operation Status sec-
tion) at which time the device returns to Read mode.
The system is not required to provide any control or
timing during these operations.
When using the Embedded Erase algorithm, the erase
automatically terminates when adequate erase margin
has been achieved for the memory array (no erase ver-
ify command is required). The margin voltages are in-
ternally generated in the same manner as when the
standard erase verify command is used.
The Embedded Erase Set-Up command is a command
only operation that stages the device for automatic
electrical erasure of all bytes in the array. Embedded
Erase Setup is performed by writing 30h to the com-
mand register.
To commence automatic chip erase, the command 30h
must be written again to the command register. The au-
tomatic erase begins on the rising edge of the WE and
terminates when the data on DQ7 is “1" (see Write Op-
eration Status section) at which time the device returns
to Read mode.
Figure 1 and Table 4 illustrate the Embedded Erase al-
gorithm, a typical command string and bus operation.
Table 4.
Embedded Erase Algorithm
Note: See AC and DC Characteristics for values of VPP parameters. The VPP power supply can be hard-wired to the device or
switchable. When VPP is switched, VPPL may be ground, no connect with a resistor tied to ground, or less than VCC + 2.0 V. Refer
to Functional Description.
Bus Operations
Command
Comments
Standby
Wait for VPP Ramp to VPPH (see Note)
Write
Embedded Erase Setup Command
Data = 30h
Embedded Erase Command
Data = 30h
Read
Data
# Polling to Verify Erasure
Standby
Compare Output to FFh
Read
Available for Read Operations
START
Apply VPPH
Erasure Completed
Data# Poll from Device
Write Embedded Erase Command
Write Embedded Erase Setup Command
18879C-6
Figure 1.
Embedded Erase Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com