Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM28F512 Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM28F512
Description  512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F512 Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM28F512 Datasheet HTML 20Page - Advanced Micro Devices AM28F512 Datasheet HTML 21Page - Advanced Micro Devices AM28F512 Datasheet HTML 22Page - Advanced Micro Devices AM28F512 Datasheet HTML 23Page - Advanced Micro Devices AM28F512 Datasheet HTML 24Page - Advanced Micro Devices AM28F512 Datasheet HTML 25Page - Advanced Micro Devices AM28F512 Datasheet HTML 26Page - Advanced Micro Devices AM28F512 Datasheet HTML 27Page - Advanced Micro Devices AM28F512 Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
24
Am28F512
DC CHARACTERISTICS
CMOS Compatible
Notes:
1. Caution: The Am28F512 must not be removed from (or inserted into) a socket when VCC or VPP is applied. If VCC ð 1.0 volt,
the voltage difference between VPP and VCC should not exceed 10.0 volts. Also, the Am28F512 has a VPP rise time and fall
time specification of 500 ns minimum.
2. ICC1 is tested with OE# = VIH to simulate open outputs.
3. Maximum active power usage is the sum of ICC and IPP.
4. Not 100% tested.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
ILI
Input Leakage Current
VCC = VCC Max, VIN = VCC or VSS
±1.0
µA
ILO
Output Leakage Current
VCC = VCC Max, VOUT = VCC or VSS
±1.0
µA
ICCS
VCC Standby Current
VCC = VCC Max, CE# = VCC + 0.5 V
15
100
µA
ICC1
VCC Active Read Current
VCC = VCC Max, CE# = VIL, OE# = VIH
IOUT = 0 mA, at 6 MHz
20
30
mA
ICC2
VCC Programming Current
CE
# = VIL
Programming in Progress (Note 4)
20
30
mA
ICC3
VCC Erase Current
CE
# = VIL
Erasure in Progress (Note 4)
20
30
mA
IPPS
VPP Standby Current
VPP = VPPL
±1.0
µA
IPP1
VPP Read Current
VPP = VPPH
70
200
µA
IPP2
VPP Programming Current
VPP = VPPH
Programming in Progress (Note 4)
10
30
mA
IPP3
VPP Erase Current
VPP = VPPH
Erasure in Progress (Note 4)
10
30
mA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 5.8 mA, VCC = VCC Min
0.45
V
VOH1
Output High Voltage
IOH = –2.5 mA, VCC = VCC Min
0.85 VCC
V
VOH2
IOH = –100 µA, VCC = VCC Min
VCC –0.4
VID
A9 Auto Select Voltage
A9 = VID
11.5
13.0
V
IID
A9 Auto Select Current
A9 = VID Max, VCC = VCC Max
5
50
µA
VPPL
VPP during Read-Only
Operations
Note: Erase/Program are inhibited
when VPP = VPPL
0.0
VCC + 2.0
V
VPPH
VPP during Read/Write
Operations
11.4
12.6
V
VLKO
Low VCC Lock-out Voltage
3.2
3.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com