Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8111AST Datasheet(PDF) 18 Page - Analog Devices

Part # AD8111AST
Description  260 MHz, 16  8 Buffered Video Crosspoint Switches
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8111AST Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8111AST Datasheet HTML 14Page - Analog Devices AD8111AST Datasheet HTML 15Page - Analog Devices AD8111AST Datasheet HTML 16Page - Analog Devices AD8111AST Datasheet HTML 17Page - Analog Devices AD8111AST Datasheet HTML 18Page - Analog Devices AD8111AST Datasheet HTML 19Page - Analog Devices AD8111AST Datasheet HTML 20Page - Analog Devices AD8111AST Datasheet HTML 21Page - Analog Devices AD8111AST Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
REV. A
AD8110/AD8111
–17–
The basic concept in constructing larger crosspoint arrays is to
connect inputs in parallel in a horizontal direction and to
“wire-OR” the outputs together in the vertical direction. The
meaning of horizontal and vertical can best be understood by
looking at a diagram. Figure 6 illustrates this concept for a 32
× 8
crosspoint array.
AD8110
OR
AD8111
16
16
RTERM
IN 00–15
AD8110
OR
AD8111
16
16
RTERM
IN 16–31
8
8
Figure 6. A 32
× 8 Crosspoint Array Using Two AD8110s
or Two AD8111s
The inputs are each uniquely assigned to each of the 32 inputs
of the two devices and terminated appropriately. The outputs
are wire-ORed together in pairs. The output from only one of a
wired OR pair should be enabled at any given time. The device
programming software must be properly written to cause this
to happen.
At some point, the number of outputs that are wire-ORed becomes
too great to maintain system performance. This will vary according
to which system specifications are most important. It will also depend
on whether the matrix consists of AD8110s or AD8111s. The
output disabled impedance of the AD8110 is much higher than
that of the AD8111, so its disabled parasitics will have a smaller
effect on the one output that is enabled. For example, a 128
× 8
crosspoint can be created with eight AD8110/AD8111s. This
design will have 128 separate inputs and have the corresponding
outputs of each device wire-ORed together in groups of eight.
Using additional crosspoint devices in the design can lower the
number of outputs that must be wire-ORed together. Figure 7
shows a block diagram of a system using eight AD8110s and
two AD8111s to create a nonblocking, gain-of-two, 128
× 8
crosspoint that restricts the wire-ORing at the output to only
four outputs. These devices are the AD8110, which has a higher
disabled output impedance than the AD8111.
Additionally, by using the lower four outputs from each of the
two Rank 2 AD8111s, a blocking 128
× 16 crosspoint array can
be realized. There are, however, some drawbacks to this tech-
nique. The offset voltages of the various cascaded devices will
accumulate and the bandwidth limitations of the devices will
compound. In addition, the extra devices will consume more
current and take up more board space. Once again, the overall
system design specifications will determine how to make the
various tradeoffs.
16
RTERM
IN 00–15
4
4
IN 16–31
IN 32–47
IN 48–63
IN 64–79
IN 80–95
IN 96–111
IN 112–127
4
4
4
4
RANK 2
16:8 NONBLOCKING
(16:16 BLOCKING)
RANK 1
(8 x AD8110)
128:16
16
RTERM
4
4
16
RTERM
4
4
16
RTERM
4
4
16
RTERM
4
4
16
RTERM
4
4
16
RTERM
4
4
16
RTERM
4
4
AD8111
AD8110
AD8110
AD8110
AD8110
AD8110
AD8110
AD8110
AD8110
4
1k
4
1k
4
1k
4
1k
AD8111
OUT 00 – 07
NONBLOCKING
ADDITIONAL
8 OUTPUTS
(SUBJECT
TO BLOCKING)
Figure 7. A Gain-of-Two 128
× 8 Nonblocking Crosspoint Array (128 × 16 Blocking)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com