Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8903 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ8903
Description  Industrial Grade, Low Dropout 150mA Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8903 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ8903 Datasheet HTML 1Page - Monolithic Power Systems MPQ8903 Datasheet HTML 2Page - Monolithic Power Systems MPQ8903 Datasheet HTML 3Page - Monolithic Power Systems MPQ8903 Datasheet HTML 4Page - Monolithic Power Systems MPQ8903 Datasheet HTML 5Page - Monolithic Power Systems MPQ8903 Datasheet HTML 6Page - Monolithic Power Systems MPQ8903 Datasheet HTML 7Page - Monolithic Power Systems MPQ8903 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPQ8903 – LOW DROPOUT, 150mA LINEAR REGULATOR
MPQ8903 Rev. 1.2
www.MonolithicPower.com
3
5/21/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Operating Voltage
IOUT = 1mA
2.7
6.5
V
±1.0
±2.0
Output Voltage Accuracy
IOUT = 1mA
VOUT = 1.5V to 5V
–40
°C ≤ TA≤ +85°C
±1.0
±3.0
%
0.1
1
Shutdown Current
VEN = 0V, VIN = 5V
–40
°C ≤ TA ≤ +85°C
0.1
2
µA
1.197 1.222 1.246
FB Regulation Voltage
–40
°C ≤ TA ≤ +85°C
1.194 1.222 1.249
V
VOUT = 3V
150
Dropout Voltage
(6)
IOUT = 150mA
VOUT = 4V
125
mV
0.005
0.08
Line Regulation
IOUT = 1mA,
VIN = (VOUT + 0.5V)
to 6.5V
(7)
–40
°C ≤ TA ≤ +85°C
0.005
0.11
%/V
0.001
0.02
Load Regulation
IOUT = 1mA to
150mA,
VIN = VOUT + 0.5V
(7)
–40
°C ≤ TA ≤ +85°C
0.001
0.03
%/mA
VIN > VOUT +0.5V, C3 = 2.2µF,
VIN(AC) = 100mV, f = 1kHz
(5)
50
dB
PSRR
VIN > VOUT +0.5V, C3 = 2.2µF,
VIN(AC) = 100mV, f = 1MHz
(5)
20
dB
EN Input High Voltage
1.5
V
EN Input Low Voltage
0.4
V
0.01
1
EN Input Bias Current
VEN = 0V
–40
°C ≤ TA ≤ +85°C
0.01
2
µA
Thermal Protection
(5)
155
°C
Thermal Protection
Hysteresis
(5)
30
°C
Notes:
5) Parameter is guaranteed by design, not production tested.
6) Dropout Voltage is defined as the input to output differential when the output voltage drops 1% below its normal value.
7) VIN = 2.7V for VOUT = 1.25V to 2.2V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com