Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9203ARURL7 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9203ARURL7
Description  10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9203ARURL7 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9203ARURL7 Datasheet HTML 20Page - Analog Devices AD9203ARURL7 Datasheet HTML 21Page - Analog Devices AD9203ARURL7 Datasheet HTML 22Page - Analog Devices AD9203ARURL7 Datasheet HTML 23Page - Analog Devices AD9203ARURL7 Datasheet HTML 24Page - Analog Devices AD9203ARURL7 Datasheet HTML 25Page - Analog Devices AD9203ARURL7 Datasheet HTML 26Page - Analog Devices AD9203ARURL7 Datasheet HTML 27Page - Analog Devices AD9203ARURL7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD9203
Rev. B | Page 25 of 28
OUTLINE DIMENSIONS
28
15
14
1
8°
0°
COMPLIANT TO JEDEC STANDARDS MO-153AE
SEATING
PLANE
COPLANARITY
0.10
1.20 MAX
6.40 BSC
0.65
BSC
PIN 1
0.30
0.19
0.20
0.09
4.50
4.40
4.30
0.75
0.60
0.45
9.80
9.70
9.60
0.15
0.05
Figure 47. 28-Lead Thin Shrink Small Outline Package
(RU-28)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9203ARU
−40°C to +85°C
28-Lead Thin Shrink Small Outline
RU-28
AD9203ARURL7
−40°C to +85°C
28-Lead Thin Shrink Small Outline
RU-28
AD9203ARUZ1
−40°C to +85°C
28-Lead Thin Shrink Small Outline
RU-28
AD9203ARUZRL71
−40°C to +85°C
28-Lead Thin Shrink Small Outline
RU-28
AD9203-EB
Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com