Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB650HGL Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # NB650HGL
Description  High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB650HGL Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button NB650HGL Datasheet HTML 3Page - Monolithic Power Systems NB650HGL Datasheet HTML 4Page - Monolithic Power Systems NB650HGL Datasheet HTML 5Page - Monolithic Power Systems NB650HGL Datasheet HTML 6Page - Monolithic Power Systems NB650HGL Datasheet HTML 7Page - Monolithic Power Systems NB650HGL Datasheet HTML 8Page - Monolithic Power Systems NB650HGL Datasheet HTML 9Page - Monolithic Power Systems NB650HGL Datasheet HTML 10Page - Monolithic Power Systems NB650HGL Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
NB650/NB650H – 6A, 28V, FAST-TRANSIENT, SYNCHRONOUS STEP-DOWN CONVERTERS
NB650/NB650H Rev. 1.12
www.MonolithicPower.com
7
10/11/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=12V, VOUT =1.05V, L=1µH, TA=+25°C, unless otherwise noted.
VOUT
500mV/div.
VEN
5V/div.
VSW
10V/div.
IL
2A/div.
VOUT
500mV/div.
VEN
5V/div.
VSW
10V/div.
IL
10A/div.
VOUT(AC)
50mV/div.
VSW
10V/div.
IL
5A/div.
VOUT
500mV/div.
VSW
10V/div.
IL
5A/div.
VOUT
500mV/div.
VSW
10V/div.
IL
5A/div.
VOUT
500mV/div.
VEN
5V/div.
VSW
10V/div.
IL
10A/div.
VOUT
500mV/div.
VEN
5V/div.
VSW
10V/div.
IL
2A/div.
Start-Up Through EN
IOUT = 0A
Start-Up Through EN
IOUT = 6A
Shutdown Through EN
IOUT = 0A
Shutdown Through EN
IOUT = 6A
Short Circuit Protection
NB650, Latch-Off Version
OCP Protection
NB650, Latch-Off Version
VID1
5V/div.
VID2
5V/div.
VID1
5V/div.
VID2
5V/div.
VID On-the-fly
IOUT = 0.3A
FVID1 = 1kHz, FVID2 = 0.5kHz,
VOUT = 1.05V/1.1V/1.15V/1.2V
VOUT(AC)
100mV/div.
VOUT(AC)
100mV/div.
VID On-the-fly
IOUT = 6A
FVID1 = 1kHz, FVID2 = 0.5kHz,
VOUT = 1.05V/1.1V/1.15V/1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com