Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9851FSPCB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9851FSPCB
Description  CMOS 180 MHz DDS/DAC Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851FSPCB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9851FSPCB Datasheet HTML 8Page - Analog Devices AD9851FSPCB Datasheet HTML 9Page - Analog Devices AD9851FSPCB Datasheet HTML 10Page - Analog Devices AD9851FSPCB Datasheet HTML 11Page - Analog Devices AD9851FSPCB Datasheet HTML 12Page - Analog Devices AD9851FSPCB Datasheet HTML 13Page - Analog Devices AD9851FSPCB Datasheet HTML 14Page - Analog Devices AD9851FSPCB Datasheet HTML 15Page - Analog Devices AD9851FSPCB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD9851
–12–
THEORY OF OPERATION AND APPLICATION
The AD9851 uses direct digital synthesis (DDS) technology,
in the form of a numerically controlled oscillator (NCO), to
generate a frequency/phase-agile sine wave. The digital sine
wave is converted to analog form via an internal 10-bit high
speed D/A converter. An on-board high speed comparator
is provided to translate the analog sine wave into a low-jitter
TTL/CMOS-compatible output square wave. DDS technol-
ogy is an innovative circuit architecture that allows fast and
precise manipulation of its output word, under full digital con-
trol. DDS also enables very high resolution in the incremental
selection of output frequency. The AD9851 allows an output
frequency resolution of approximately 0.04 Hz at an 180 MSPS
clock rate with the option of directly using the reference clock or
by engaging the 6 REFCLK multiplier. The AD9851’s out-
put waveform is phase-continuous from one output frequency
change to another.
The basic functional block diagram and signal flow of the
AD9851 configured as a clock generator is shown in Figure 11.
The DDS circuitry is basically a digital frequency divider function
whose incremental resolution is determined by the frequency of
the system clock, and N (number of bits in the tuning word). The
phase accumulator is a variable-modulus counter that increments
the number stored in it each time it receives a clock pulse. When
the counter reaches full-scale it wraps around, making the phase
accumulator’s output phase-continuous. The frequency tuning
word sets the modulus of the counter, which effectively determines
the size of the increment ( Phase) that will be added to the value
in the phase accumulator on the next clock pulse. The larger
the added increment, the faster the accumulator wraps around,
which results in a higher output frequency.
The AD9851 uses an innovative and proprietary angle rotation
algorithm that mathematically converts the 14-bit truncated
value of the 32-bit phase accumulator to the 10-bit quantized
amplitude that is passed to the DAC.This unique algorithm uses a
much-reduced ROM look-up table and DSP to perform this func-
tion.This contributes to the small size and low power dissipation of
the AD9851.
The relationship between the output frequency, system clock, and
tuning word of the AD9851 is determined by the expression:
fOUT
ff
= (
OUT
OUT
= (
= ( Phase  System Clock)/232
where
Phase = decimal value of 32-bit frequency tuning word.
System Clock = direct input reference clock (in MHz) or 6 the
input clock (in MHz) if the 6 REFCLK multiplier is engaged.
fOUT
ff
= frequency of the output signal in MHz.
OUT
OUT
The digital sine wave output of the DDS core drives the internal
high speed 10-bit D/A converter that will construct the sine wave
in analog form.This DAC has been optimized for dynamic per-
formance and low glitch energy, which results in the low spurious
and jitter performance of the AD9851.The DAC can be operated
in either the single-ended (Figures 2 and 8) or differential output
configuration (Figures 9 and 10). DAC output current and RSET
values are determined using the following expressions:
IOUT
II
= 39.93/
OUT
OUT
RSET
RSET = 39.93/
SET
SET
IOUT
II
Since the output of the AD9851 is a sampled signal, its output
spectrum follows the Nyquist sampling theorem. Specifically,
its output spectrum contains the fundamental plus aliased sig-
nals (images) that occur at integer multiples of the system clock
frequency ± the selected output frequency. A graphical repre-
sentation of the sampled spectrum, with aliased images, is shown
in Figure 12. Normal usable bandwidth is considered to extend
from dc to 1/2 the system clock.
CLOCK
OUT
AMPLITUDE/SINE
CONV ALGORITHM
PHASE
ACCUMULATOR
DDS CIRCUITRY
D/A
CONVERTER
LP
COMPARATOR
N
REFERENCE
CLOCK
TUNING WORD SPECIFIES
OUTPUT FREQUENCY AS A
FRACTION OF REF CLOCK
FREQUENCY
IN DIGITAL
DOMAIN
120MHz
2ND IMAGE
FOUT
FC+FO
2FC–FO
2FC+FO
3FC–FO
180MHz
3RD IMAGE
220MHz
4TH IMAGE
280MHz
5TH IMAGE
80MHz
1ST IMAGE
20MHz
0Hz
(DC)
FC
FC–FO
SIN (X)/ ENVELOPE
 = ()F/FC
100MHz
SYSTEM CLOCK FREQUENCY
Figure 12. Output Spectrum of a Sampled Sin(x)/x Signal
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com