Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG621 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG621
Description  CMOS 5 V/5 V, 4 Dual SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG621 Datasheet(HTML) 5 Page - Analog Devices

  ADG621 Datasheet HTML 1Page - Analog Devices ADG621 Datasheet HTML 2Page - Analog Devices ADG621 Datasheet HTML 3Page - Analog Devices ADG621 Datasheet HTML 4Page - Analog Devices ADG621 Datasheet HTML 5Page - Analog Devices ADG621 Datasheet HTML 6Page - Analog Devices ADG621 Datasheet HTML 7Page - Analog Devices ADG621 Datasheet HTML 8Page - Analog Devices ADG621 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADG621/ADG622/ADG623
Rev. B | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
V
DD to VSS
13 V
V
DD to GND
−0.3 V to +6.5 V
V
SS to GND
+0.3 V to –6.5 V
Analog Inputs1
V
SS – 0.3 V to VDD + 0.3 V
Digital Inputs1
–0.3 V to V
DD + 0.3 V or 30 mA,
whichever occurs first
Peak Current, S or D
100 mA (pulsed at 1 ms,
10% duty cycle maximum)
Continuous Current, S or D
50 mA
Operating Temperature Range
Industrial (B Version)
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
MSOP Package
θ
JA Thermal Impedance
206°C/W
θ
JC Thermal Impedance
44°C/W
Lead Soldering
Lead Temperature, Soldering
(10 sec)
300°C
IR Reflow, Peak Temperature
220°C
Pb-Free Soldering
Reflow, Peak Temperature
260(+0/−5)°C
Time at Peak Temperature
20 sec to 40 sec
1 Overvoltages at INx, S, or D must be clamped by internal diodes. Currents
should be limited to the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating may be applied at any
one time.
Table 4. ADG621/ADG622 Truth Table
ADG621 INx
ADG622 INx
Switch Sx Condition
0
1
Off
1
0
On
Table 5. ADG623 Truth Table
IN1
IN2
Switch S1
Switch S2
0
0
Off
On
0
1
Off
Off
1
0
On
On
1
1
On
Off
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com