Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM691SQ Datasheet(PDF) 9 Page - Analog Devices

Part # ADM691SQ
Description  Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM691SQ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM691SQ Datasheet HTML 5Page - Analog Devices ADM691SQ Datasheet HTML 6Page - Analog Devices ADM691SQ Datasheet HTML 7Page - Analog Devices ADM691SQ Datasheet HTML 8Page - Analog Devices ADM691SQ Datasheet HTML 9Page - Analog Devices ADM691SQ Datasheet HTML 10Page - Analog Devices ADM691SQ Datasheet HTML 11Page - Analog Devices ADM691SQ Datasheet HTML 12Page - Analog Devices ADM691SQ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Typical Performance Curves–ADM690–ADM695
5.00
4.80
0
100
4.95
4.85
20
4.90
80
60
40
V
CC = 5V
T
A = +25°C
SLOPE = 1.5
Ω
I
OUT – mA
Figure 8. VOUT vs. IOUT Normal
Operation
1.303
1.299
20
120
1.302
1.300
40
1.301
100
80
60
TEMPERATURE –
°C
Figure 11. PFI Input Threshold vs.
Temperature
6
1.25
0
2
0
1
3
4
5
0.8
0.5 0.6
0.3 0.4
0.7
0.2
0.1
V
PFI
1.3V
30pF
PFO
V
CC = 5V
T
A = +25°C
1.35
TIME –
µs
Figure 14. Power Fail Comparator
Response Time
2.80
2.76
0
1000
2.79
2.77
200
2.78
800
600
400
I
OUT – µA
SLOPE = 20
Ω
V
CC = 0V
V
BATT = +2.8V
T
A = +25°C
Figure 9. VOUT vs. IOUT Battery
Backup
53
49
20
120
52
50
40
51
100
80
60
V
CC = +5V
TEMPERATURE –
°C
ADM690
ADM691
ADM692
ADM693
Figure 12. Reset Active Time vs.
Temperature
6
90
1.25
0
1.35
2
0
1
3
4
5
80
50 60
30 40
70
20
10
V
PFI
1.3V
30pF
PFO
V
CC = 5V
T
A = +25°C
TIME –
µs
Figure 15. Power Fail Comparator
Response Time
10
90
100
0%
3.36 V
500ms
A4
1V
1V
Figure 10. Reset Output Voltage vs.
Supply Voltage
4.70
4.62
20
120
4.68
4.64
40
4.66
100
80
60
TEMPERATURE –
°C
V
CC = +5V
POWER-UP
POWER-DOWN
ADM690
ADM691
ADM694
ADM695
Figure 13. Reset Voltage Threshold
vs. Temperature
6
0
1.8
1.25
0
1.35
2
0
1
3
4
5
1.6
1.0 1.2
0.6 0.8
1.4
0.4
0.2
V
CC = 5V
T
A = +25°C
V
PFI
1.3V
30pF
PFO
+5V
10k
+5V
TIME –
µs
Figure 16. Power Fail Comparator
Response Time with Pull-Up Resistor
REV. A
–9–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com