Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F080B Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM29F080B
Description  8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F080B Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM29F080B Datasheet HTML 12Page - Advanced Micro Devices AM29F080B Datasheet HTML 13Page - Advanced Micro Devices AM29F080B Datasheet HTML 14Page - Advanced Micro Devices AM29F080B Datasheet HTML 15Page - Advanced Micro Devices AM29F080B Datasheet HTML 16Page - Advanced Micro Devices AM29F080B Datasheet HTML 17Page - Advanced Micro Devices AM29F080B Datasheet HTML 18Page - Advanced Micro Devices AM29F080B Datasheet HTML 19Page - Advanced Micro Devices AM29F080B Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
16
Am29F080B
P R E L I M I NARY
Table 5.
Am29F080B Command Definitions
Legend:
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of the WE# or CE# pulse.
PD = Data to be programmed at location PA. Data is latched on the rising edge of WE# or CE# pulse.
SA = Address of the sector to be erased. Address bits A19–A16 uniquely select any sector.
SGA = Address of the sector group to be verified.
Notes:
1. All values are in hexadecimal.
2. See Table 1 for descriptions of bus operations.
3. No unlock or command cycles required when device is in read mode.
4. The Reset command is required to return to the read mode when the device is in the autoselect mode or if DQ5 goes high.
5. The data is 00h for an unprotected sector group and 01h for a protected sector group. The complete bus address in the fourth
cycle is composed of the sector group address (A19–A17), A1 = 1, and A0 = 0.
6. Read and program functions in non-erasing sectors are allowed in the Erase Suspend mode. The Erase Suspend command
is valid only during a sector erase operation.
7. The Erase Resume command is valid only during the Erase Suspend mode.
8. Unless otherwise noted, address bits A19–A11 are don’t care.
Command
Sequence
(Note 1)
Bus Cycles (Notes 2–5)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read (Note 3)
1
RA
RD
Reset (Note 4)
1
XXX
F0
Autoselect
Manufacturer ID
4
555
AA
2AA
55
555
90
X00
01
Autoselect
Device ID
4
555
AA
2AA
55
555
90
X01
D5
Autoselect
Sector Group
Protect Verify
(Note 5)
4
555
AA
2AA
55
555
90
SGA
X02
00
01
Byte Program
4
555
AA
2AA
55
555
A0
PA
PD
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Sector Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
SA
30
Erase Suspend
(Note 6)
1
XXX
B0
Erase Resume
(Note 7)
1
XXX
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com