Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1545CTPbF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MBR1545CTPbF
Description  Schottky Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR1545CTPbF Datasheet(HTML) 6 Page - Vishay Siliconix

  MBR1545CTPbF Datasheet HTML 1Page - Vishay Siliconix MBR1545CTPbF Datasheet HTML 2Page - Vishay Siliconix MBR1545CTPbF Datasheet HTML 3Page - Vishay Siliconix MBR1545CTPbF Datasheet HTML 4Page - Vishay Siliconix MBR1545CTPbF Datasheet HTML 5Page - Vishay Siliconix MBR1545CTPbF Datasheet HTML 6Page - Vishay Siliconix MBR1545CTPbF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94285
6
Revision: 12-Jun-07
MBR15..CTPbF Series
Vishay High Power Products
Schottky Rectifier
PART MARKING INFORMATION
ORDERING INFORMATION TABLE
Assembly
Lot Code
Date Code
P = Lead (Pb)-free
Year 1 = 2001
Week 19
Line C
Part Number
Example:
This is a MBR1545CT with
Assembly Lot Code 1789,
assembled on WW 19, 2001
in the assembly line “C”
Note:
“P” in the beginning of
Date Code indicates “lead (Pb)-free”
Assembly
Lot Code
Date Code
Year 1 = 2001
Week 19
P = Lead (Pb)-free
Part Number
Example:
This is a MBR1545CT with
Assembly Lot Code 1789,
assembled on WW 19, 2001
Note:
“P” in assembly line position
indicates “lead (Pb)-free”
Assembly
Lot Code
Date Code
P = Lead (Pb)-free
Year 1 = 2001
Week 19
Line C
Part Number
Example:
This is a MBR1545CT with
Assembly Lot Code 1789,
assembled on WW 19, 2001
in the assembly line “C”
Note:
“P” in the beginning of
Date Code indicates “lead (Pb)-free”
MAIN - SubCon Assembly Line
Alternative Assembly Site
or:
17
MBR1545CT
89
P119C
17
MBR1545CT
89
119P
17
MBR1545CT
89
P119C
35 = 35 V
45 = 45 V
Device code
1
5
24
3
1
-
Schottky MBR series
2
-
Current rating (15 = 15 A)
3
-
Voltage ratings
4
-
CT = Essential part number
5
-
None = Standard production
PbF = Lead (Pb)-free
MBR
15
45
CT
PbF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com