Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECKATS102ME Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECKATS102ME
Description  Ceramic Disc Capacitors (Safety Regulations)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKATS102ME Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECKATS102ME Datasheet HTML 1Page - Panasonic Semiconductor ECKATS102ME Datasheet HTML 2Page - Panasonic Semiconductor ECKATS102ME Datasheet HTML 3Page - Panasonic Semiconductor ECKATS102ME Datasheet HTML 4Page - Panasonic Semiconductor ECKATS102ME Datasheet HTML 5Page - Panasonic Semiconductor ECKATS102ME Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
n Typical Temperature Characteristics (Type TS, and Type NS-A)
—30
—20
—10
0
10
—20
0
20
40
60
80
100
120
Temperature (ßC)
—60
—40
—20
0
20
—20
0
20
40
60
80
100
120
Temperature (ßC)
—60
—40
—80
—20
0
20
—20
0
20
40
60
80
100
120
Temperature (ßC)
Ceramic Disc Capacitors (Safety Regulations)
Note: Dimensions ÒFÓ (Lead space) of 5.0 mm is available instead of 7.5 mm by special order
l Type BE (250 VAC For Electrical Appliance and Material Safety Law compliance (Former Electrical Appliance
and Material Control Law))
Cap.
Dimensions in mm
Kinked Lead Type (Bulk)
Kimked Lead Taped Type
Cap.
Tol.
Temp.
DT
Part Number
Dim. in mm
Part Number
Taped Dim. in mm
in pF
(%)
Char.
max.
max.
F
d
Type
Fd
1000
+80, -20
E/Y5U
7.0
5.0
ECKABE102ZE
7.5 0.65
ECKNBE102ZE
N1
7.5
0.65
2200
+80, -20
E/Y5U
8.0
5.0
ECKABE222ZE
7.5 0.65
ECKNBE222ZE
N1
7.5
0.65
3300
+80, -20
E/Y5U
9.0
5.0
ECKABE332ZE
7.5 0.65
ECKNBE332ZE
N1
7.5
0.65
4700
+80, -20
E/Y5U
11.0
5.0
ECKABE472ZE
7.5 0.65
ECKNBE472ZE
N1
7.5
0.65
4700
+80, -20
F/Y5V
8.0
5.0
ECKABE472ZF
7.5 0.65
ECKNBE472ZF
N1
7.5
0.65
10000
+80, -20
F/Y5V
11.0
5.0
ECKABE103ZF
7.5 0.65
ECKNBE103ZF
N1
7.5
0.65
(
)
Char. E/Y5U)
Temp. Range:Ð25 to 85û
max.Cap.Change:+20, Ð55%
(
)
Char. B/Y5P)
Temp. Range:Ð25 to 85û
max.Cap.Change:+10%
(
)
Char. F/Y5V)
Temp. Range:Ð25 to 85û
max.Cap.Change:+30, Ð80%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com