Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F400AB Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM29F400AB
Description  4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400AB Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM29F400AB Datasheet HTML 17Page - Advanced Micro Devices AM29F400AB Datasheet HTML 18Page - Advanced Micro Devices AM29F400AB Datasheet HTML 19Page - Advanced Micro Devices AM29F400AB Datasheet HTML 20Page - Advanced Micro Devices AM29F400AB Datasheet HTML 21Page - Advanced Micro Devices AM29F400AB Datasheet HTML 22Page - Advanced Micro Devices AM29F400AB Datasheet HTML 23Page - Advanced Micro Devices AM29F400AB Datasheet HTML 24Page - Advanced Micro Devices AM29F400AB Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Am29F400AT/Am29F400AB
21
PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . -65
°C to +125°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . -55
°C to +125°C
Voltage with Respect to Ground
All pins except A9, OE and RESET
(Note 1) . . . . . . . . . . . . . . . . . . . . . . . -2.0 V to +7.0 V
VCC (Note 1). . . . . . . . . . . . . . . . . . . . -2.0 V to +7.0 V
A9, OE, and RESET (Note 2). . . . . . -2.0 V to +13.0 V
Output Short Circuit Current (Note 3) . . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/O pins is -0.5 V. During
voltage transitions, input or I/O pins may undershoot VSS
to -2.0 V for periods of up to 20 ns. Maximum DC voltage
on input or I/O pins is
VCC +0.5 V. During voltage
transitions, input or I/O pins may overshoot to VCC +2.0 V
for periods up to 20 ns. See Figure 7 and Figure 8.
2. Minimum DC input voltage on pins A9, OE, and RESET is
-0.5 V. During voltage transitions, A9, OE, and RESET
may undershoot VSS to -2.0 V for periods of up to 20 ns.
Maximum DC input voltage on pin A9 is +12.5 V which
may overshoot to 14.0 V for periods up to 20 ns. See
Figure 7 and Figure 8.
3. No more than one output may be shorted to ground at a
time. Duration of the short circuit should not be greater
than one second.
4. Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device at these or any other conditions above those
indicated in the operational sections of this data sheet is
not implied. Exposure of the device to absolute maximum
rating conditions for extended periods may affect device
reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA). . . . . . . . . . . . 0˚C to +70˚C
Industrial (I) Devices
Ambient Temperature (TA). . . . . . . . . . -40˚C to +85˚C
Extended (E) Devices
Ambient Temperature (TA). . . . . . . . . -55˚C to +125˚C
VCC Supply Voltages
VCC for Am29F400T/B-65, . . . . . . +4.75 V to +5.25 V
VCC for Am29F400T/B-70, -90,
-120, -150 . . . . . . . . . . . . . . . . . . . +4.50 V to +5.50 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com