Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP10G01 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP10G01
Description  10mm SMT 14dB Active GPS Patch Antenna With Front End Saw Filter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP10G01 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP10G01 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SPE-11-8-100/D/SS |
page 2 of 11
The AP.10G.01 one stage 14dB
active GPS patch antenna is the smallest
SMT GPS high performance embedded
antenna currently available in the world.
Using extremely sensitive high dielectric
constant powder formulation and tight
process control the 10mm x 10mm x 4mm
patch antenna is accurately tuned to have
its frequency band right at 1575.42MHz for
GPS systems.
A patented SMT structure gives high
reliability in integration. With an ultra low
power consumption one stage LNA with
Saw Filter, this small active patch has the
performance of an ordinary active patch,
but at only a quarter of the size.
This product is suited to small form
factor mobile devices such as GPS
Smartphones, Personal Location, Medical
devices, Telematic devices and
Automotive navigation and tracking.
Custom gain, connector and cable
versions are available.
The AP.10G consists of 2 functional blocks
– the LNA and also the patch antenna.
1. Introduction
ANTENNA
SAW Filter
LNA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com