Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847AMB Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BC847AMB
Description  45 V, 100 mA NPN general-purpose transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847AMB Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BC847AMB Datasheet HTML 6Page - NXP Semiconductors BC847AMB Datasheet HTML 7Page - NXP Semiconductors BC847AMB Datasheet HTML 8Page - NXP Semiconductors BC847AMB Datasheet HTML 9Page - NXP Semiconductors BC847AMB Datasheet HTML 10Page - NXP Semiconductors BC847AMB Datasheet HTML 11Page - NXP Semiconductors BC847AMB Datasheet HTML 12Page - NXP Semiconductors BC847AMB Datasheet HTML 13Page - NXP Semiconductors BC847AMB Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
BC847XMB_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 5 March 2012
10 of 14
NXP Semiconductors
BC847xMB series
45 V, 100 mA NPN general-purpose transistors
11. Soldering
Reflow soldering is the only recommended soldering method.
Fig 16. Reflow soldering footprint SOT883B
1.3
0.3
0.6
0.7
0.4
0.9
0.3
(2x)
0.4
(2x)
0.25
(2x)
R0.05 (8x)
0.7
Footprint information for reflow soldering
SOT883B
sot883b_fr
occupied area
solder land
solder resist
solder land plus solder paste
solder paste deposit
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com