Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F040B-55FC Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM29F040B-55FC
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040B-55FC Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM29F040B-55FC Datasheet HTML 16Page - Advanced Micro Devices AM29F040B-55FC Datasheet HTML 17Page - Advanced Micro Devices AM29F040B-55FC Datasheet HTML 18Page - Advanced Micro Devices AM29F040B-55FC Datasheet HTML 19Page - Advanced Micro Devices AM29F040B-55FC Datasheet HTML 20Page - Advanced Micro Devices AM29F040B-55FC Datasheet HTML 21Page - Advanced Micro Devices AM29F040B-55FC Datasheet HTML 22Page - Advanced Micro Devices AM29F040B-55FC Datasheet HTML 23Page - Advanced Micro Devices AM29F040B-55FC Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
20
Am29F040B
DC CHARACTERISTICS
TTL/NMOS Compatible
CMOS Compatible
Notes for DC Characteristics (both tables):
1. The ICC current listed includes both the DC operating current and the frequency dependent component (at 6 MHz).
The frequency component typically is less than 2 mA/MHz, with OE# at VIH.
2. Maximum ICC specifications are tested with VCC = VCCmax.
3. ICC active while Embedded Algorithm (program or erase) is in progress.
4. Not 100% tested.
5. For CMOS mode only, ICC3 = 20 µA max at extended temperatures (> +85°C).
Parameter
Symbol
Parameter Description
Test Description
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC, VCC = VCC Max
±1.0
µA
ILIT
A9 Input Load Current
VCC = VCC Max, A9 = 12.5 V
50
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCC Max
±1.0
µA
ICC1
VCC Active Read Current (Notes 1, 2) CE# = VIL, OE# = VIH
20
30
mA
ICC2
VCC Active Write (Program/Erase)
Current (Notes 2, 3, 4)
CE# = VIL, OE# = VIH
30
40
mA
ICC3
VCC Standby Current (Note 2)
CE# = VIH
0.4
1.0
mA
VIL
Input Low Level
–0.5
0.8
V
VIH
Input High Level
2.0
VCC + 0.5
V
VID
Voltage for Autoselect
and Sector Protect
VCC = 5.25 V
10.5
12.5
V
VOL
Output Low Voltage
IOL = 12 mA, VCC = VCC Min
0.45
V
VOH
Output High Voltage
IOH = –2.5 mA, VCC = VCC Min
2.4
V
VLKO
Low VCC Lock-Out Voltage
3.2
4.2
V
Parameter
Symbol
Parameter Description
Test Description
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC, VCC = VCC Max
±1.0
µA
ILIT
A9 Input Load Current
VCC = VCC Max, A9 = 12.5 V
50
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCC Max
±1.0
µA
ICC1
VCC Active Read Current
(Notes 1, 2)
CE# = VIL, OE# = VIH
20
30
mA
ICC2
VCC Active Program/Erase Current
(Notes 2, 3, 4)
CE# = VIL, OE# = VIH
30
40
mA
ICC3
VCC Standby Current (Notes 2, 5)
CE# = VCC ± 0.5 V
1
5
µA
VIL
Input Low Level
–0.5
0.8
V
VIH
Input High Level
0.7 x VCC
VCC + 0.3
V
VID
Voltage for Autoselect and Sector
Protect
VCC = 5.25 V
10.5
12.5
V
VOL
Output Low Voltage
IOL = 12.0 mA, VCC = VCC Min
0.45
V
VOH1
Output High Voltage
IOH = –2.5 mA, VCC = VCC Min
0.85 VCC
V
VOH2
IOH = –100 µA, VCC = VCC Min
VCC –0.4
V
VLKO
Low VCC Lock-out Voltage
3.2
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com