Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAB628 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CAB628
Description  Taoglas Cable Assembly IPEX MHFI to RP-SMA(F)Bulkhead Straight Connector with 95mm 1.13 cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CAB628 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CAB628 Datasheet HTML 1Page - List of Unclassifed Manufacturers CAB628 Datasheet HTML 2Page - List of Unclassifed Manufacturers CAB628 Datasheet HTML 3Page - List of Unclassifed Manufacturers CAB628 Datasheet HTML 4Page - List of Unclassifed Manufacturers CAB628 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPE-12-8-152/B/WY
Page 3 of 5
2.2 Structure and Dimensions
2.3 Electrical & Physical Specification
1
Item:
32 AWG
2
Rating Temp Voltage:
105°C 30V UL 1979
3
Insulation Resistance:
1000 MEGA OHM-KM Min.
4
Conductor Resistance:
545 OHM/KM/20°C Max.
5
Dielectric Strength:
AC 1.0 KV/minute
6
Spark test:
2.5 KV
7
Insulation
Unaged
Tensile Strength
2500 PSI Min.(1.76Kg/mm²)
Elongation
200% min.
Aged
Tensile Strength
Unaged Min 75%(168HRS*232°C)
Elongation
Unaged Min 75%(168HRS*232°C)
8
Jacket
Unaged
Tensile Strength
2500 PSI Min.(1.76Kg/mm²)
Elongation
200% min.
Aged
Tensile Strength
Unaged Min 75%(168HRS*232°C)
Elongation
Unaged Min 75%(168HRS*232°C)
9
Nom. Impedance
50  3 Ohms
10
Nom. Capacitance
96  3 pF/m
11
Nom. Vel. Of Prop.
69%
12
VSWR (0-6GHz)
Max 1.3
13
Flame Test
VW-1 OK
14
Attenuation (dB/1M)
2.0GHz
2.80
2.4GHz
3.10
3.0GHz
3.50
4.0GHz
4.00
5.0GHz
4.60
6.0GHz
5.10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com