Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F040-90FC Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM29F040-90FC
Description  4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040-90FC Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM29F040-90FC Datasheet HTML 25Page - Advanced Micro Devices AM29F040-90FC Datasheet HTML 26Page - Advanced Micro Devices AM29F040-90FC Datasheet HTML 27Page - Advanced Micro Devices AM29F040-90FC Datasheet HTML 28Page - Advanced Micro Devices AM29F040-90FC Datasheet HTML 29Page - Advanced Micro Devices AM29F040-90FC Datasheet HTML 30Page - Advanced Micro Devices AM29F040-90FC Datasheet HTML 31Page - Advanced Micro Devices AM29F040-90FC Datasheet HTML 32Page - Advanced Micro Devices AM29F040-90FC Datasheet HTML 33Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
Am29F040
33
DATA SHEET REVISION SUMMARY FOR
AM29F040
Distinctive Characteristics
Changed low power consumption specifications to typ-
ical values.
Added “enhanced power management” bullet.
General Description
Fifth paragraph, changed sector erase time to 1.0 sec.
Product Selector Guide
Removed the -75 (70 ns,
±5%) speed option.
Ordering Information
Added -55 speed option to the example part number.
Removed the -75 speed option from the valid combina-
tions. Added industrial and extended temperature
ranges to -55 valid combinations. Added extended tem-
perature to -70 valid combinations.
Table 1—User Bus Operations
Changed I/O write entry to “PD” and I/O read entry to
“RD”; now matches Table 4. Corrected reference to ta-
bles in Note 2.
Standby Mode
Changed maximum CMOS standby mode current to
5
µA.
Autoselect
Deleted fourth paragraph.
Table 2—Autoselect Codes
Changed table title.
Table 3—Sector Addresses
Changed table title.
Sector Protection
Reworded second paragraph, second sentence.
Sector Unprotection
Deleted after second sentence.
Table 4—Command Definitions
Added “X” to first cycle of first Read/Reset command.
Changed fourth cycle in Byte Program row from “data”
to “PD”. Deleted Note 1. Rewrote Notes 2 and 6.
Sector Erase
Changed time-out to 80
µs. Deleted note. In second
paragraph, deleted third sentence from end. In fourth
paragraph, changed third sentence from end.
User Note for Chip Erase and Sector Erase
Commands
Deleted section.
Erase Suspend
Deleted last sentence of fourth paragraph. Deleted fifth
paragraph.
Table 5—Write Operation Status
Added overbars to DQ7.
DQ7—Data Polling
Fourth paragraph, added “Erase Suspend.”
DQ5—Exceeded Timing Limits
Clarified first sentence in fifth paragraph.
Absolute Maximum Ratings
Corrected VSS in second sentence to V.
Operating Ranges—VCC Supply Voltages
Added -55 and -70 speed options. Deleted -75 speed
option.
DC Characteristics
TTL/NMOS Compatible: Changed ICC1, ICC2, and VID
specifications.
CMOS Compatible: Changed ICC1, ICC2, ICC3 and VID
specifications, added typical values. Added Note 4.
AC Characteristics
Read Only Operations Characteristics: Removed -75
speed option. Changed tGLQV in -55 column to 30 ns.
Combined Notes 1 and 2.
Figure 7—Test Conditions
Changed first CL in note to -55.
AC Characteristics
Write/Erase/Program Operations (also same table for
Alternate CE Controlled Writes): Removed -75 speed
option. Changed specifications on tWHWH1, tWHWH2,
and tWHWH3.
Erase and Programming Performance
Changed maximum specifications. Clarified note 5. De-
leted Note 2.
Trademarks
Copyright © 1996 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com